Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB0FS12A Fiches technique(PDF) 9 Page - Seoul Semiconductor

No de pièce STB0FS12A
Description  STB0FS12A - Mid-Power LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A Fiches technique(HTML) 9 Page - Seoul Semiconductor

Back Button STB0FS12A Datasheet HTML 5Page - Seoul Semiconductor STB0FS12A Datasheet HTML 6Page - Seoul Semiconductor STB0FS12A Datasheet HTML 7Page - Seoul Semiconductor STB0FS12A Datasheet HTML 8Page - Seoul Semiconductor STB0FS12A Datasheet HTML 9Page - Seoul Semiconductor STB0FS12A Datasheet HTML 10Page - Seoul Semiconductor STB0FS12A Datasheet HTML 11Page - Seoul Semiconductor STB0FS12A Datasheet HTML 12Page - Seoul Semiconductor STB0FS12A Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.seoulsemicon.com
Product Data Sheet
STB0FS12A - Mid-Power LED
9
Rev.00, March 1, 2014
Color Bin Structure
Table 3. Bin Code description, T
a=25℃, IF=150mA
Part Number
Radiant Power
(mW)
Dominant Wavelength
(nm)
Typical Forward Voltage
(V)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
STB0FS12A
A
200
220
B1
450.0
452.5
Z1
3.0
3.1
B
220
240
B2
452.5
455.0
Z2
3.1
3.2
C
240
260
B3
455.0
457.5
Z3
3.2
3.3
D
260
280
B4
457.5
460.0
A1
3.3
3.4
-
-
-
-
-
-
A2
3.4
3.5


Numéro de pièce similaire - STB0FS12A

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
STB0FS12A SEOUL-STB0FS12A Datasheet
984Kb / 20P
   High flux output and high luminance
More results

Description similaire - STB0FS12A

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAW8A62E-E2 SEOUL-SAW8A62E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
STW8A12D SEOUL-STW8A12D Datasheet
1Mb / 26P
   Mid-Power LED
logo
Everlight Electronics C...
EAHP2835BA1 EVERLIGHT-EAHP2835BA1 Datasheet
434Kb / 10P
   MID Power LED
logo
Seoul Semiconductor
SAW9A62E-E2 SEOUL-SAW9A62E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
logo
Luminus, Inc
MP-3014-2100 LUMINUS-MP-3014-2100 Datasheet
810Kb / 15P
   Mid Power LED
MP-3020-2100-27-80 LUMINUS-MP-3020-2100-27-80 Datasheet
1Mb / 14P
   Mid Power LED
logo
Seoul Semiconductor
STB0A12D SEOUL-STB0A12D Datasheet
877Kb / 19P
   Mid-Power LED
STW9A12D-E1 SEOUL-STW9A12D-E1 Datasheet
1Mb / 31P
   Mid-Power LED
logo
Everlight Electronics C...
62-217D-KK2C EVERLIGHT-62-217D-KK2C Datasheet
524Kb / 19P
   MID POWER LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com