Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC709511F Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LC709511F
Description  Power Bank Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709511F Fiches technique(HTML) 1 Page - ON Semiconductor

  LC709511F Datasheet HTML 1Page - ON Semiconductor LC709511F Datasheet HTML 2Page - ON Semiconductor LC709511F Datasheet HTML 3Page - ON Semiconductor LC709511F Datasheet HTML 4Page - ON Semiconductor LC709511F Datasheet HTML 5Page - ON Semiconductor LC709511F Datasheet HTML 6Page - ON Semiconductor LC709511F Datasheet HTML 7Page - ON Semiconductor LC709511F Datasheet HTML 8Page - ON Semiconductor LC709511F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number :
April 2017 - Rev. 0
LC709511F/D
LC709511F
Power Bank Controller with
USB Type-C & Quick Charge™ 3.0
for 1-Cell Li-Ion and Li-Poly Battery
Overview
LC709511F is a Lithium ion switching charger controller for Power
Bank. This device has all functions to control Power Bank application.
It includes Type-C port control, Quick Charge 3.0 HVDCP and Smart
switch. The built-in switching controller can output from 5 V up to 12 V
for Quick Charge. The high power output for USB Type-C and Quick
Charge is possible with appropriate external MOSFETs.
Features
 Easy power scaling with external MOSFETs.
 Buck charge to built-in battery / Boost charge to USB devices
 Supports Quick Charge 3.0 HVDCP Class A. 5 V up to 12 V
 Supports USB type-C Dual role without external port control IC.
 Smart switch applies 2.7 V or 2.0 V or DCP short on USB data lines
automatically for requirement of USB devices.
 Reference software supports various combination of USB port.
 Supports USB BC1.2
 Controls an external Boost-IC for 2nd USB output
 Battery level gauging
 Status & Battery level display with 4 LEDs
 Boost auto start-up
 Thermistor sensing function
 Over voltage / Over current detection
 JEITA compliance Battery management
 Safety timer
 Low quiescent current: 15 A at Low power mode
Applications
 Power Bank
 USB-related charging application
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on
page 25 of this data sheet.
QFN52 6x6, 0.4P
Pb-Free, Halogen Free type


Numéro de pièce similaire - LC709511F

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F Datasheet
873Kb / 30P
   Power Bank Controller
September 2016 - Rev. 0
LC709501F ONSEMI-LC709501F Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501FQD-A00TXG ONSEMI-LC709501FQD-A00TXG Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
More results

Description similaire - LC709511F

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F Datasheet
873Kb / 30P
   Power Bank Controller
September 2016 - Rev. 0
logo
NTE Electronics
57-PB1 NTE-57-PB1 Datasheet
266Kb / 1P
   Power Bank
logo
Holtek Semiconductor In...
HT45F4MA HOLTEK-HT45F4MA Datasheet
5Mb / 145P
   Power Bank Flash MCU
HT45F4N HOLTEK-HT45F4N Datasheet
7Mb / 170P
   Power Bank Flash MCU
logo
ATMEL Corporation
AT91SAM9G45PRE ATMEL-AT91SAM9G45PRE Datasheet
19Mb / 1218P
   DDR2 Controller 4-bank DDR2/LPDDR, SDRAM/LPSDR
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Holtek Semiconductor In...
HT45F5N HOLTEK-HT45F5N Datasheet
7Mb / 202P
   Power Bank ASSP Flash MCU
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
A-Data Technology
AE400 A-DATA-AE400 Datasheet
3Mb / 2P
   Wireless storage reader and power bank
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com