Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX8559 Fiches technique(PDF) 3 Page - Maxim Integrated Products

No de pièce MAX8559
Description  Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8559 Fiches technique(HTML) 3 Page - Maxim Integrated Products

  MAX8559 Datasheet HTML 1Page - Maxim Integrated Products MAX8559 Datasheet HTML 2Page - Maxim Integrated Products MAX8559 Datasheet HTML 3Page - Maxim Integrated Products MAX8559 Datasheet HTML 4Page - Maxim Integrated Products MAX8559 Datasheet HTML 5Page - Maxim Integrated Products MAX8559 Datasheet HTML 6Page - Maxim Integrated Products MAX8559 Datasheet HTML 7Page - Maxim Integrated Products MAX8559 Datasheet HTML 8Page - Maxim Integrated Products MAX8559 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual, 300mA, Low-Noise Linear Regulator
with Independent Shutdown in UCSP or TDFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.8V, SHDNA = SHDNB = IN_, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
10
100
SHDN Input Bias Current
ISHDN
SHDN_ = IN or
GND
TA = -40°C to +85°C
100
nA
VOUT_ Discharge Resistance in
Shutdown
SHDN_ = GND
385
THERMAL PROTECTION
Thermal-Shutdown Temperature
TSHDN
TJ rising
+160
°C
Thermal-Shutdown Hysteresis
∆TSHDN
10
°C
Note 1: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2: The dropout voltage is defined as VIN - VOUT when VOUT is 100mV below the nominal value of VOUT. Specification only
applies when VOUT ≥ 2.5V.
Typical Operating Characteristics
(VOUTA = VOUTB = 2.85V, VINA = VINB = 3.8V, COUT = 2.2µF (or 4.7µF for 300mA), CBP = 0.01µF, and CIN = 2.2µF (or 4.7µF for
300mA), unless otherwise noted.)
0
100
50
200
150
250
300
03
4
12
5
6
GROUND CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
100mA LOAD, BOTH OUTPUTS
NO LOAD, BOTH OUTPUTS
0
50
25
125
100
75
200
175
150
225
0
100
50
150
200
250
300
GROUND CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
BOTH OUTPUTS LOADED
0
75
50
25
100
125
150
175
200
225
250
-40
10
-15
35
60
85
GROUND CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100mA LOAD, BOTH OUTPUTS
NO LOAD, BOTH OUTPUTS


Numéro de pièce similaire - MAX8559

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX8559EBAXY+T MAXIM-MAX8559EBAXY+T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559EBAXY-T MAXIM-MAX8559EBAXY-T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559ETAXY+T MAXIM-MAX8559ETAXY+T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559ETAXY-T MAXIM-MAX8559ETAXY-T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
More results

Description similaire - MAX8559

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Eutech Microelectronics...
EUP7559 EUTECH-EUP7559 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530_05 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com