Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX5946 Fiches technique(PDF) 4 Page - Maxim Integrated Products

No de pièce MAX5946
Description  Dual PCI Express, Hot-Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5946 Fiches technique(HTML) 4 Page - Maxim Integrated Products

  MAX5946 Datasheet HTML 1Page - Maxim Integrated Products MAX5946 Datasheet HTML 2Page - Maxim Integrated Products MAX5946 Datasheet HTML 3Page - Maxim Integrated Products MAX5946 Datasheet HTML 4Page - Maxim Integrated Products MAX5946 Datasheet HTML 5Page - Maxim Integrated Products MAX5946 Datasheet HTML 6Page - Maxim Integrated Products MAX5946 Datasheet HTML 7Page - Maxim Integrated Products MAX5946 Datasheet HTML 8Page - Maxim Integrated Products MAX5946 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Dual PCI Express, Hot-Plug
Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V12VIN = V12S_- = V12S_+ = 12V, V3.3S_+ = V3.3S_- = V3.3VAUXIN = VON_ = VAUXON_ = VFON__ = 3.3V, PWRGD_ = FAULT_ = PORADJ
= TIM = OUTPUT_ = 12G_ = 3.3G_ = OPEN, INPUT_ = PRES_DET_ = PGND = GND, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PRES-DET_ High-to-Low
Deglitch Time
tDEG
357ms
PORADJ = open
90
160
250
RPORADJ = 20kΩ
35
55
75
RPORADJ = 100kΩ
145
265
380
PWRGD_ Power-On Reset
Time (Note 2)
tPOR_HL
RPORADJ = 200kΩ
570
ms
PWRGD_ Low-to-High
Deglitch Time
tPOR_LH
4µs
Sinking 2mA
0.1
PWRGD_, FAULT_ Output
Low Voltage
Sinking 30mA
0.7
V
PWRGD_, FAULT_ Output-
High Leakage Current
VPWRGD_ = VFAULT_ = 5.5V
1
µA
TIM = open
5.5
11
17.0
RTIM = 15kΩ
1.4
2.6
3.8
RTIM = 120kΩ
12
22
32
FAULT_ Timeout
tFAULT
RTIM = 300kΩ
59
ms
FAULT_ Timeout During
Startup
tSU
2 x tFAULT
ms
Autorestart Delay Time
tRESTART
64 x tFAULT
ms
Fault Reset Minimum Pulse
Width (Note 4)
tRESET
100
µs
Thermal-Shutdown Threshold
TSD
TJ rising
+150
°C
Thermal-Shutdown Threshold
Hysteresis
20
°C
OUTPUT_ Debounce Time
tDBC
2.6
4.4
6.2
ms
OUTPUT_ High Voltage
Sourcing 2mA
V3.3VAUXIN
- 0.3
V3.3VAUXIN
V
OUTPUT_ Low Voltage
Sinking 2mA
0.4
V
Note 1: 100% production tested at TA = +25°C. Parameters over temperature are guaranteed by design.
Note 2: PWRGD_ asserts a time tPOR_HL after VPGTH12, VPGTH3.3, and VPGTH3.3AUX conditions are met.
Note 3: The UVLO for the 3.3V supply is sensed at 3.3SA+.
Note 4: This is the time that ON_ or AUXON_ must stay low when resetting a fault condition.


Numéro de pièce similaire - MAX5946

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5946LEVCMODU MAXIM-MAX5946LEVCMODU Datasheet
685Kb / 13P
   Independent Output Controls for Each Channel
Rev 0; 1/05
MAX5946LEVKIT MAXIM-MAX5946LEVKIT Datasheet
685Kb / 13P
   Independent Output Controls for Each Channel
Rev 0; 1/05
More results

Description similaire - MAX5946

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Maxim Integrated Produc...
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
   Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Analog Devices
ADM1014 AD-ADM1014_15 Datasheet
166Kb / 12P
   Dual PCI Hot-Plug Controller
REV. PrN 1/02
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com