Moteur de recherche de fiches techniques de composants électroniques |
|
STDA131-S08 Fiches technique(PDF) 1 Page - Vitec Power |
|
STDA131-S08 Fiches technique(HTML) 1 Page - Vitec Power |
1 / 2 page STDA131 SERIES 130W Desktop Power Supply for I.T. Equipment – Wide Input Voltage 90 to 260 VAC, 47 to 63Hz – IEC-320-C14 input inlet – Output Voltage Available from 12VDC through 55VDC – Input Surge Current, Over Voltage, Over Load and Output Voltage Protection. – Class I Insulation – Active Power Factor Correction – CEC Level V, Energy Star 2.0 and RoHS compliance – ON/OFF Switch (optional) 2 Year Warranty Approvals: Single Output Part Number Output Voltage Max. Output Current Total Regulation Max Output Power STDA131-S05 12 ~ 13 VDC 10.84 ~ 10.00 A 5% 130W STDA131-S06 13 ~ 16 VDC 10.00 ~ 8.12 A 5% 130W STDA131-S07 16 ~ 21 VDC 8.12 ~ 6.19 A 5% 130W STDA131-S08 21 ~ 27 VDC 6.19 ~ 4.81 A 3% 130W STDA131-S09 27 ~ 33 VDC 4.81 ~ 3.93 A 3% 130W STDA131-S10 33 ~ 40 VDC 3.93 ~ 3.25 A 3% 130W STDA131-S11 40 ~ 50 VDC 3.25 ~ 2.60 A 3% 130W STDA131-S12 50 ~ 55 VDC 2.60 ~ 2.36 A 3% 130W The total regulation on S05~S06 required to use AWG#16x5C/4FT output cable. The total regulation on S07 required to use AWG#16x4C/4FT output cable. The total regulation on S08~S10 required to use AWG#16x2C/4FT output cable. The total regulation on S11~S12 required to use AWG#18x2C/4FT output cable. The regulation and efficiency will be changed by modified output cable. Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 260 VAC Input Frequency 47 63 Hz Power Factor Correction Io=Full load, Vin=230VAC 0.95 1.00 Output Power Range Vin=90 to 260VAC 0 130 W Input Current (Low Line) Io=Full load, Vin=115VAC 1.32 A Input Current (High Line) Io=Full load, Vin=230VAC 0.66 A Low Line Inrush Current Io=Full load, 25°C ,Cool start, Vin=115VAC 30 A High Line Inrush Current Io=Full load, 25°C, Cool start, Vin=230VAC 50 A Efficiency Io=Full Load, Vin=230VAC 88 % Line Regulation Io=Full Load 0.5 1 % Load Regulation Vin=230VAC 5 % Over Voltage Protection 112 132 % Over Current Protection 110 150 % Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full Load, Vin=110VAC 16 mS Start Up Time Io=Full Load, Vin=100VAC 2 S Ripple & Noise (Peak to Peak) Full Load, Vin=90VAC 1 % Safety Ground Leakage Current Io=Full Load, Vin=240VAC 0.75 mA Temperature Coefficient All output -0.04 0.04 %/°C |
Numéro de pièce similaire - STDA131-S08 |
|
Description similaire - STDA131-S08 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |