Moteur de recherche de fiches techniques de composants électroniques |
|
LP2980-ADJ Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
LP2980-ADJ Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
2 / 9 page Basic Application Circuit Ordering Information TABLE 1. Package Marking and Ordering Information Grade Order Information Package Marking Supplied as STD LP2980IM5X-ADJ L06B 3k Units on Tape and Reel STD LP2980IM5-ADJ L06B 250 Units on Tape and Reel For fixed output voltage versions, see LP2980 and LP2980LV datasheets. DS100001-3 *ON/OFF INPUT MUST BE ACTIVELY TERMINATED. TIE TO VIN IF THIS FUNCTION IS NOT TO BE USED. **MINIMUM CAPACITANCE IS SHOWN TO ENSURE STABILITY OVER FULL LOAD CURRENT RANGE (SEE APPLICATION HINTS). www.national.com 2 |
Numéro de pièce similaire - LP2980-ADJ |
|
Description similaire - LP2980-ADJ |