Moteur de recherche de fiches techniques de composants électroniques |
|
EZJZZV270RAD Fiches technique(PDF) 6 Page - Panasonic Semiconductor |
|
EZJZZV270RAD Fiches technique(HTML) 6 Page - Panasonic Semiconductor |
6 / 8 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Varistors Current (A) Zener diode Zener diode monopolar 2pcs. Multilayer Varistor Capacitor 1 pc. Voltage (V) Time (ns) 1400 1200 1000 800 600 400 200 0 -200 –20 0 20 40 60 80 100 120 140 160 180 200 Without Varistor EZJP0V080GA [V1 mA:8 V, C1 MHz:100 pF max.] Attenuator : 60 dB MLCV 150 pF 330 Ω 50 Ω Electrostatic discharger Oscillo-scope Mounting area Approx .83 % space saving MLCV Size 0402 Zener diode S-79 1.5 2.6 0.5 1.7 0.3 MLCC Size 0402 Varistor Characteristics and Equivalent Circuit ESD Suppressive Effects Replacement of Zener diode A Multilayer Varistor does not have an electrical polarity like zener diodes and is equivalent to total 3 pcs. of 2 zener diodes and 1 capacitor. [Equivalent Circuit] [ESD suppressed waveform] Typical effects of ESD suppression Test conditions: IEC61000-4-2✽ Level 4 Contact discharge, 8 kV Replacing “Zener diode and Capacitor” with Multilayer Varistor saves both the mounting area and number of components used. ✽ IEC61000-4-2 ··· International Standard of the ESD testing method (HBM) for electronic equipment ability to withstand ESD generated from a human body. It sets 4 levels of severity Severity Level 1 Level 2 Level 3 Level 4 Contact discharge 2 kV 4 kV 6 kV 8 kV Air discharge 2 kV 4 kV 8 kV 15 kV Dimensions in mm Nov. 2016 04 |
Numéro de pièce similaire - EZJZZV270RAD |
|
Description similaire - EZJZZV270RAD |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |