Moteur de recherche de fiches techniques de composants électroniques |
|
GS8128036GT-200 Fiches technique(PDF) 8 Page - GSI Technology |
|
GS8128036GT-200 Fiches technique(HTML) 8 Page - GSI Technology |
8 / 24 page GS8128018/32/36GT-400/333/250/200 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 5/2017 8/23 © 2015, GSI Technology Byte Write Truth Table Function GW BW BA BB BC BD Notes Read H H X X X X 1 Write No Bytes H L H H H H 1 Write byte a H L L H H H 2, 3 Write byte b H L H L H H 2, 3 Write byte c H L H H L H 2, 3, 4 Write byte d H L H H H L 2, 3, 4 Write all bytes H L L L L L 2, 3, 4 Write all bytes L X X X X X Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs, BA, BB, BC and/or BD. 2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes “C” and “D” are only available on the x32 and x36 versions. |
Numéro de pièce similaire - GS8128036GT-200 |
|
Description similaire - GS8128036GT-200 |