Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81302Q08E-250 Fiches technique(PDF) 6 Page - GSI Technology

No de pièce GS81302Q08E-250
Description  144Mb SigmaQuadTM-II Burst of 2 SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q08E-250 Fiches technique(HTML) 6 Page - GSI Technology

Back Button GS81302Q08E-250 Datasheet HTML 2Page - GSI Technology GS81302Q08E-250 Datasheet HTML 3Page - GSI Technology GS81302Q08E-250 Datasheet HTML 4Page - GSI Technology GS81302Q08E-250 Datasheet HTML 5Page - GSI Technology GS81302Q08E-250 Datasheet HTML 6Page - GSI Technology GS81302Q08E-250 Datasheet HTML 7Page - GSI Technology GS81302Q08E-250 Datasheet HTML 8Page - GSI Technology GS81302Q08E-250 Datasheet HTML 9Page - GSI Technology GS81302Q08E-250 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW
Synchronous Byte Write
Input
Active Low
x9 only
BW0–BW3
Synchronous Byte Writes
Input
Active Low
x18/x36 only
NW0–NW1
Nybble Write Control Pin
Input
Active Low
x8 only
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
C
Output Clock
Input
Active High
C
Output Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.5 or 1.8 V Nominal
VSS
Power Supply: Ground
Supply
NC
No Connect
GS81302Q08/09/18/36E-300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04c 1/2012
6/33
© 2011, GSI Technology
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. C, C, K, K cannot be set to VREF voltage.


Numéro de pièce similaire - GS81302Q08E-250

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302Q08E-250I GSI-GS81302Q08E-250I Datasheet
640Kb / 33P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
More results

Description similaire - GS81302Q08E-250

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302Q08E-250I GSI-GS81302Q08E-250I Datasheet
640Kb / 33P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-333 GSI-GS81302Q18AGD-333 Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-375I GSI-GS81302Q18AGD-375I Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302D18AGD-400I GSI-GS81302D18AGD-400I Datasheet
507Kb / 28P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D08GE-300 GSI-GS81302D08GE-300 Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D18E-333I GSI-GS81302D18E-333I Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D09E-350 GSI-GS81302D09E-350 Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302TT07 GSI-GS81302TT07 Datasheet
436Kb / 30P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T06 GSI-GS81302T06 Datasheet
390Kb / 29P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T07 GSI-GS81302T07 Datasheet
441Kb / 31P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com