Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81284Z18B-200V Fiches technique(PDF) 10 Page - GSI Technology

No de pièce GS81284Z18B-200V
Description  144Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81284Z18B-200V Fiches technique(HTML) 10 Page - GSI Technology

Back Button GS81284Z18B-200V Datasheet HTML 6Page - GSI Technology GS81284Z18B-200V Datasheet HTML 7Page - GSI Technology GS81284Z18B-200V Datasheet HTML 8Page - GSI Technology GS81284Z18B-200V Datasheet HTML 9Page - GSI Technology GS81284Z18B-200V Datasheet HTML 10Page - GSI Technology GS81284Z18B-200V Datasheet HTML 11Page - GSI Technology GS81284Z18B-200V Datasheet HTML 12Page - GSI Technology GS81284Z18B-200V Datasheet HTML 13Page - GSI Technology GS81284Z18B-200V Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
GS81284Z18/36B-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 7/2010
10/28
© 2007, GSI Technology
Burst Cycles
Although NBT RAMs are designed to sustain 100% bus bandwidth by eliminating turnaround cycle when there is transition from
read to write, multiple back-to-back reads or writes may also be performed. NBT SRAMs provide an on-chip burst address
generator that can be utilized, if desired, to further simplify burst read or write implementations. The ADV control pin, when
driven high, commands the SRAM to advance the internal address counter and use the counter generated address to read or write
the SRAM. The starting address for the first cycle in a burst cycle series is loaded into the SRAM by driving the ADV pin low, into
Load mode.
Burst Order
The burst address counter wraps around to its initial state after four addresses (the loaded address and three more) have been
accessed. The burst sequence is determined by the state of the Linear Burst Order pin (LBO). When this pin is Low, a linear burst
sequence is selected. When the RAM is installed with the LBO pin tied high, Interleaved burst sequence is selected. See the tables
below for details.
Mode Pin Functions
Mode Name
Pin Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
FLXDrive Output Impedance Control
ZQ
L
High Drive (Low Impedance)
H or NC
Low Drive (High Impedance)
Note:
There are pull-up devices on the ZQ and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip
will operate in the default states as specified in the above tables.


Numéro de pièce similaire - GS81284Z18B-200V

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8128018GT-200 GSI-GS8128018GT-200 Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200I GSI-GS8128018GT-200I Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200IV GSI-GS8128018GT-200IV Datasheet
344Kb / 23P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200V GSI-GS8128018GT-200V Datasheet
344Kb / 23P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-250 GSI-GS8128018GT-250 Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
More results

Description similaire - GS81284Z18B-200V

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81280Z36GT-200IV GSI-GS81280Z36GT-200IV Datasheet
367Kb / 22P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z36GT-250I GSI-GS81280Z36GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GD-250I GSI-GS81282Z18GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-200IV GSI-GS81282Z36GB-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z18GT-250I GSI-GS81280Z18GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com