Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7567BM Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LA7567BM
Description  LA7567B, LA7567BM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7567BM Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LA7567BM Datasheet HTML 1Page - Sanyo Semicon Device LA7567BM Datasheet HTML 2Page - Sanyo Semicon Device LA7567BM Datasheet HTML 3Page - Sanyo Semicon Device LA7567BM Datasheet HTML 4Page - Sanyo Semicon Device LA7567BM Datasheet HTML 5Page - Sanyo Semicon Device LA7567BM Datasheet HTML 6Page - Sanyo Semicon Device LA7567BM Datasheet HTML 7Page - Sanyo Semicon Device LA7567BM Datasheet HTML 8Page - Sanyo Semicon Device LA7567BM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LA7567B, 7567BM
No.5765-3/15
ピン配置図
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
2nd SIF INPUT
BIAS FILTER
MIX OUT
CER.OSC
VCC
VIDEO OUT
EQ FILTER
EQ INPUT
APC FILTER
VIDEO DET OUT
VCO COIL
VCO COIL
AFT OUT
RF AGC OUT
1st SIF INPUT
1st SIF AGC FILTER
IF AGC FILTER
VIF
VIF
GND
RF AGC VR
1st SIF OUT
(NICAM OUT)
FM FILTER
FM DET OUT
A12027
LA7567B,7567BM
Top view
LA7567B IC単体
LA7567BM IC単体
LA7567BM基板付
0
80
100
60
70
40
20
-20
0
周囲温度, Ta − ℃
Pd max - Ta
200
100
400
300
600
500
800
700
720
420
[SIF部]
min
typ
max
unit
リミッティング感度
Vli (lim)
42
48
54
dBμV
FM検波出力電圧
VO (FM)
5.5MHz±30kHz ※1
[LA7567B]
410
580
750
mVrms
[LA7567BM]
470
600
760
mVrms
AMR除去比
AMR
50
60
dB
全高調波ひずみ率
THD
0.3
0.8
%
SIF S/N
S/N (FM)
57
62
dB
[SIFコンバータ]
変換利得
VG (SIF)
8
11
14
dB
最大出力レベル
V max
103
109
115
dBμV
キャリア抑圧比
VGR (5.5)
15
21
dB
発振レベル
VOSC
35
70
mVp-p
OSCリーク
OSCleak
14
25
dB
発振停止電流
I4
300
μA
注) ※1 : 23ピンとGND間にRを容量と直列で入れることにより、FM検波出力レベルを小さくすることができ、FMのDレンジ
を広げることができる。
前ページから続く。


Numéro de pièce similaire - LA7567BM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com