Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

540-88-028-24-008 Datasheet(Fiches technique) 1 Page - Precid-Dip Durtal SA

Numéro de pièce 540-88-028-24-008
Description  PGA / BGA / PLCC SOCKETS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PREDIP [Precid-Dip Durtal SA]
Site Internet  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

540-88-028-24-008 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  540-88-028-24-008 Datasheet HTML 1Page - Precid-Dip Durtal SA 540-88-028-24-008 Datenblatt HTML 2Page - Precid-Dip Durtal SA 540-88-028-24-008 Datenblatt HTML 3Page - Precid-Dip Durtal SA 540-88-028-24-008 Datenblatt HTML 4Page - Precid-Dip Durtal SA 540-88-028-24-008 Datenblatt HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PGA / BGA / PLCC SOCKETS
SERIES
540
540-88-084-24-008
PLCC
Socket for Plastic Leaded Chip Carrier (PLCC), Solder tail
PLCC sockets, solder tail, with precision stamped
contacts providing component retention thanks to positive
spring action.
TECHNICAL SPECS.:
Insulator
Glass filled thermoplastic PPS-GF40-FR
Flammability
UL 94V-O
Contact
Phosphor bronze
Mechanical life
Min. 25 cycles
Rated current
1 A
Contact resistance
Max. 30 m
Dielectric strength
Min. 500 V RMS
Insulation resistance
Min. 1000 M
Capacitance
Max. 1 pF
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
88
Tin
Tin
ADVANCED INFORMATION:
Order Codes
No of
poles
A1/A2
B1/B2
C1/C2
D
E
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn