Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

540-88-028-24-008 Datasheet(Fiches technique) 4 Page - Precid-Dip Durtal SA

Numéro de pièce 540-88-028-24-008
Description  PGA / BGA / PLCC SOCKETS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PREDIP [Precid-Dip Durtal SA]
Site Internet  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

540-88-028-24-008 Datasheet(HTML) 4 Page - Precid-Dip Durtal SA

  540-88-028-24-008 Datenblatt HTML 1Page - Precid-Dip Durtal SA 540-88-028-24-008 Datenblatt HTML 2Page - Precid-Dip Durtal SA 540-88-028-24-008 Datenblatt HTML 3Page - Precid-Dip Durtal SA 540-88-028-24-008 Datasheet HTML 4Page - Precid-Dip Durtal SA 540-88-028-24-008 Datenblatt HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
- Interstitial grid: Finished hole Ø: 0.7 + 0.09/-0.06 mm | Drilled hole Ø: 0.8 ± 0.02 mm
PCB HOLE PLATING
- PCB surface finish: Hole plating
- Tin: 5-15 µm tin over min. 25 µm copper
- Copper: min. 25 µm copper
- Gold over nickel: 0.05-0.2 µm gold over 2.5-5 µm nickel over min. 25 µm copper
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn