Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE15023 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE15023
Description  Integrated Circuit dbx TV Noise Reduction Integrated Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15023 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE15023 Datasheet HTML 1Page - NTE Electronics NTE15023 Datasheet HTML 2Page - NTE Electronics NTE15023 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE15023
Integrated Circuit
dbx TV Noise Reduction Integrated Circuit
Description:
The NTE15023 is an integrated circuit designed for the dbx–TV noise reduction decode circuit for mul-
tichannel TV sound systems. This device contains a voltage controlled amplifier, a variable de–em-
phasis circuit with new configuration and RMS detectors with completely integrated active band pass
filters, and offers the complete dbx–TV noise reduction decoder only with a few external components.
Features:
D Integrated Band Pass Filters using Active Filtering Technique and Thin Film Structure with
High Capacitance
D Variable De–emphasis Circuit with New Circuit Configuration
D Minimum Number of External Components
D Wide Operation Voltage Range: 4.7V to 16V
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Supply Voltage, VCC
17V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation, PD
715mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Voltage:
Power Supply Voltage, VCC
5V to 15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = +9V Reference Level: 0dB = –5dBm (436mVrms)
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Consumption Current
ICC
No Signal
4.0
5.0
6.3
mA
Decode Characteristics
Vod–1
Vi = –5dB, f = 300Hz
5.5
7.0
8.5
dB
Vod–2
Vi = –15dB, f = 300Hz
–14.5
–13.0
–11.5
dB
Vod–3
Vi = –30dB, f = 300Hz
–44.5
–43.0
–41.5
dB
Vod–4
Vi = 0dB, f = 1kHz
1.3
3.3
5.3
dB
Vod–5
Vi = –10dB, f = 1kHz
–19.4
–17.4
–15.4
dB
Vod–6
Vi = –20dB, f = 1kHz
–39.6
–37.6
–35.6
dB
Vod–7
Vi = 0dB, f = 8kHz
–4.3
–1.8
0.7
dB
Vod–8
Vi = –10dB, f = 8kHz
–30.9
–28.4
–25.9
dB
Vod–9
Vi = –20dB, f = 8kHz
–45.2
–42.7
–40.2
dB


Numéro de pièce similaire - NTE15023

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE15023E NTE-NTE15023E Datasheet
22Kb / 2P
   Integrated Circuit Protector
NTE15023E NTE-NTE15023E Datasheet
54Kb / 2P
   Integrated Circuit Protector
More results

Description similaire - NTE15023

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1859 NTE-NTE1859 Datasheet
28Kb / 3P
   Integrated Circuit dbx TV Noise Reduction Integrated Circuit
NTE1801 NTE-NTE1801 Datasheet
22Kb / 3P
   Integrated Circuit TV dbx Noise Reduction System
NTE1795 NTE-NTE1795 Datasheet
19Kb / 2P
   Integrated Circuit RMS Level Sensor for dbx Noise Reduction System
NTE2004 NTE-NTE2004 Datasheet
24Kb / 2P
   Integrated Circuit Dolby Noise Reduction Circuit
NTE1794 NTE-NTE1794 Datasheet
23Kb / 2P
   Integrated Circuit Volatge Controlled Amp (VCA) for dbx Noise Reduction System
NTE15014 NTE-NTE15014 Datasheet
22Kb / 3P
   Integrated Circuit Dual dbxII Noise Reduction System
NTE1744 NTE-NTE1744 Datasheet
22Kb / 3P
   Integrated Circuit Dual dbxII Noise Reduction System
NTE748 NTE-NTE748 Datasheet
23Kb / 2P
   Integrated Circuit TV Sound Circuit
NTE1046 NTE-NTE1046 Datasheet
78Kb / 2P
   Integrated Circuit TV AFC Circuit
logo
KEC(Korea Electronics)
KIA2051FN KEC-KIA2051FN Datasheet
206Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM PULSE NOISE REDUCTION)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com