Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM36011YKBR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM36011YKBR
Description  Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM36011YKBR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM36011YKBR Datasheet HTML 7Page - Texas Instruments LM36011YKBR Datasheet HTML 8Page - Texas Instruments LM36011YKBR Datasheet HTML 9Page - Texas Instruments LM36011YKBR Datasheet HTML 10Page - Texas Instruments LM36011YKBR Datasheet HTML 11Page - Texas Instruments LM36011YKBR Datasheet HTML 12Page - Texas Instruments LM36011YKBR Datasheet HTML 13Page - Texas Instruments LM36011YKBR Datasheet HTML 14Page - Texas Instruments LM36011YKBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
IVFM ENABLE
LEVEL STROBE
VIN PROFILE for Stop and Hold Mode
O/P Current Profile in
Stop and Hold Mode
Dotted line shows O/P Current Profile with
IVFM Disabled
Set Target Flash Current
IVFM-D
SET RAMP FROM
THE RAMP
REGISTER USED
11
LM36011
www.ti.com
SNVSAN5 – JULY 2017
Product Folder Links: LM36011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functioning Modes
7.4.1 Start-Up (Enabling The Device)
At turnon the LED current source steps through each FLASH or TORCH level until the target LED current is
reached. This gives the device a controlled turnon and limits inrush current from the VIN supply. The target LED
flash and the target LED torch currents are set by the LED Flash Brightness Register (0x03 bits [6:0]) and LED
Torch Brightness Register (0x04 bits [6:0]) respectively.
7.4.2 Input Voltage Flash Monitor (IVFM)
The LM36011 has the ability to adjust the flash current based upon the voltage level present at the IN pin
utilizing the input voltage flash monitor (IVFM). The adjustable threshold IVFM-D ranges from 2.9 V to 3.6 V in
100-mV steps and is set by Configuration Register (0x02) bits [7:5]. Additionally, the IVFM-D threshold sets the
input voltage boundary that forces the LM36011 to stop ramping the flash current during start-up.
Figure 19. IVFM Mode
7.4.3 Fault/Protections
Upon a fault condition, the LM36011 sets the appropriate flag(s) in the Flags Register (0x05) and switches into
stand-by mode obtained by clearing the mode M1, M0 (bits [1:0]) of the Enable Register (0x01). The LM36011
remains in standby until an I2C read of the Flags Register. I2C read of the Flags Register clears the flags and the
fault status can be re-checked. If the fault(s) is still present, the LM36011 re-sets the appropriate flag bits and
enters stand-by again.
7.4.3.1 Input Voltage Flash Monitor (IVFM)
When the input voltage crosses the IVFM-D value, programmed by Configuration Register (0x02) bits [7:5], the
LM36011 sets the IVFM flag (bit [6]) of Flags Register (0x05).
7.4.3.2 LED Short Fault
LM36011 enters stand-by mode from flash or torch mode and VLED Short Fault flag (bit [5]) of Flags Register
(0x05) is set, if the LED output experiences a short condition. An LED short condition occurs if the voltage at the
LED pin goes below 500 mV (typical). There is a deglitch time of 256 µs before the LED short flag is valid The
LED short fault can be reset to 0 by removing power to the LM36011, or setting the software reset field (Register
0x06 bit [7]) to a 1, or by reading back the Flags Register.


Numéro de pièce similaire - LM36011YKBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010YKBR TI1-LM36010YKBR Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Description similaire - LM36011YKBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com