Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM36011YKBR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM36011YKBR
Description  Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM36011YKBR Fiches technique(HTML) 1 Page - Texas Instruments

  LM36011YKBR Datasheet HTML 1Page - Texas Instruments LM36011YKBR Datasheet HTML 2Page - Texas Instruments LM36011YKBR Datasheet HTML 3Page - Texas Instruments LM36011YKBR Datasheet HTML 4Page - Texas Instruments LM36011YKBR Datasheet HTML 5Page - Texas Instruments LM36011YKBR Datasheet HTML 6Page - Texas Instruments LM36011YKBR Datasheet HTML 7Page - Texas Instruments LM36011YKBR Datasheet HTML 8Page - Texas Instruments LM36011YKBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
IN
SDA
SCL
LED
STROBE
GND
C1
D1
µP/µC
VIN
2.5 V ± 5.5 V
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM36011
SNVSAN5 – JULY 2017
LM36011 Inductorless, Single-LED Flash Driver
With 1.5-A High-Side Current Source
1
1 Features
1
Accurate and Programmable LED Currents
Flash / IR Currents Ranging from 11 mA up to
1.5 A (128 Levels)
Torch Currents Ranging from 2.4 mA up to
376 mA (128 Levels)
Flash Time-Out up to 1.6 Seconds
Optimized Flash LED Current During Low Battery
Conditions (IVFM)
Grounded Cathode LED Operation for Improved
Thermal Management
Small Total Solution Size: < 4 mm2
Hardware Strobe Enable (STROBE)
Input Voltage Range from 2.5 V to 5.5 V
400-kHz I2C-Compatible Interface
I2C Address = 0x64
2 Applications
Mobile Phones
Tablets
IR LED Driver
Video Surveillance: IP Camera
Barcode Scanner
Portable Data Terminal
3 Description
The LM36011 is an ultra-small LED flash driver that
provides a high level of adjustability. With a total
solution size of 4 mm2, it can produce up to 1.5 A of
LED flash current or up to 376 mA of torch current.
This is all done from a accurately programmable
current source without the need of a pre-regulated
voltage, which saves on solution size and cost.
Features of the LM36011 are controlled via an I2C-
compatible
interface.
These
features
include:
hardware flash (STROBE), flash time-out, UVLO,
thermal scale-back, LED fault detection, and 128
programmable currents for both flash and movie
mode (torch). The device operates over a –40°C to
+85°C ambient temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM36011
DSBGA (8)
1.512 mm × 0.800 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Numéro de pièce similaire - LM36011YKBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010YKBR TI1-LM36010YKBR Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Description similaire - LM36011YKBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com