Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1187A Fiches technique(PDF) 1 Page - Naina Semiconductor ltd.

No de pièce 1N1187A
Description  Standard Recovery Diode, 40A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NAINA [Naina Semiconductor ltd.]
Site Internet  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N1187A Fiches technique(HTML) 1 Page - Naina Semiconductor ltd.

  1N1187A Datasheet HTML 1Page - Naina Semiconductor ltd. 1N1187A Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
1N1187A thru
1N1190AR
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Standard Recovery Diode, 40A
Features
Glass passivated die
Low forward voltage drop
High surge capability
Low leakage current
Normal and Reverse polarity
Metric and UNF threads available
Maximum Ratings (TJ = 25oC, unless otherwise noted)
Parameter
Test Conditions
Symbol
1N1187A(R)
1N1188A(R)
1N1189A(R)
1N1190A(R)
Units
Repetitive peak
reverse voltage
VRRM
300
400
500
600
V
RMS reverse voltage
VRMS
210
280
350
420
V
DC blocking voltage
VDC
300
400
500
600
V
Continuous forward
current
TC ≤ 150oC
IF(AV)
40
40
40
40
A
Surge non-repetitive
forward current,
half-sine wave
TC = 25oC
IFSM
800
800
800
800
A
Maximum peak
forward voltage
IF = 40 A, TJ = 25oC
VF
1.1
1.1
1.1
1.1
V
Reverse current
TJ = 25oC
IR
10
10
10
10
µA
TJ = 140oC
15
15
15
15
mA
Thermal & Mechanical Specifications (TJ = 25oC, unless otherwise noted)
Parameters
Symbol
1N1187A(R)
1N1188A(R)
1N1189A(R)
1N1190A(R)
Units
Thermal resistance, junction to case
Rth(JC)
1.25
1.25
1.25
1.25
oC/W
Operating junction temperature range
TJ
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Storage temperature
Tstg
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Mounting torque, non-lubricated threads,
tighting on nut
F
3.4 ± 10%
Nm
Approximate weight
W
16
g
DO-203AB (DO-5)


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn