Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1184A Datasheet(Fiches technique) 1 Page - Naina Semiconductor ltd.

Numéro de pièce 1N1184A
Description  Standard Recovery Diode, 40A
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NAINA [Naina Semiconductor ltd.]
Site Internet  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N1184A Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  1N1184A Datasheet HTML 1Page - Naina Semiconductor ltd. 1N1184A Datenblatt HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
1N1183A thru
1N1186AR
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Standard Recovery Diode, 40A
Features
Glass passivated die
Low forward voltage drop
High surge capability
Low leakage current
Normal and Reverse polarity
Metric and UNF threads available
Maximum Ratings (TJ = 25oC, unless otherwise noted)
Parameter
Test Conditions
Symbol
1N1183A(R)
1N1184A(R)
1N1185A(R)
1N1186A(R)
Units
Repetitive peak
reverse voltage
VRRM
50
100
150
200
V
RMS reverse voltage
VRMS
35
70
105
140
V
DC blocking voltage
VDC
50
100
150
200
V
Continuous forward
current
TC ≤ 150oC
IF(AV)
40
40
40
40
A
Surge non-repetitive
forward current,
half-sine wave
TC = 25oC
IFSM
800
800
800
800
A
Maximum peak
forward voltage
IF = 40A, TJ = 25oC
VF
1.1
1.1
1.1
1.1
V
Reverse current
TJ = 25oC
IR
10
10
10
10
µA
TJ = 140oC
15
15
15
15
mA
Thermal & Mechanical Specifications (TJ = 25oC, unless otherwise noted)
Parameters
Symbol
1N1183A(R)
1N1184A(R)
1N1185A(R)
1N1186A(R)
Units
Thermal resistance, junction to case
Rth(JC)
1.25
1.25
1.25
1.25
oC/W
Operating junction temperature range
TJ
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Storage temperature
Tstg
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Mounting torque, non-lubricated threads,
tighting on nut
F
3.4 ± 10%
Nm
Approximate weight
W
16
g
DO-203AB (DO-5)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn