Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDZFH16 Fiches technique(PDF) 4 Page - Rohm

No de pièce TDZFH16
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TDZFH16 Fiches technique(HTML) 4 Page - Rohm

  TDZFH16 Datasheet HTML 1Page - Rohm TDZFH16 Datasheet HTML 2Page - Rohm TDZFH16 Datasheet HTML 3Page - Rohm TDZFH16 Datasheet HTML 4Page - Rohm TDZFH16 Datasheet HTML 5Page - Rohm TDZFH16 Datasheet HTML 6Page - Rohm TDZFH16 Datasheet HTML 7Page - Rohm TDZFH16 Datasheet HTML 8Page - Rohm TDZFH16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZFH series
l
Electrical characteristic curves
1
10
100
1000
10000
0.001
0.01
0.1
1
10
10
100
1000
0.001 0.01
0.1
1
10
100 1000
Rth(j-a)
Rth(j-c)
0
100
200
300
400
500
600
0
25
50
75
100
125
150
-5
0
5
10
15
20
25
30
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
5
10
15
20
25
30
35
AMBIENT TEMPERATURE : Ta(°C)
Pd-Ta CHARACTERISTICS
TIME : t(ms)
PRSM-TIME CHARACTERISTICS
ZENER VOLTAGE : VZ(V)
γZ -VZ CHARACTERISTICS
TIME : t(s)
Rth-t CHARACTERISTICS
t
PRSM
1ms
IM=10mA
IF=0.5A
300ms
time
Mounted on glass epoxy board
4/6
2013.11 - Rev.D


Numéro de pièce similaire - TDZFH16

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TDZ045124 VISHAY-TDZ045124 Datasheet
226Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 17-Nov-00
TDZ050124 VISHAY-TDZ050124 Datasheet
226Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 17-Nov-00
TDZ050170 VISHAY-TDZ050170 Datasheet
273Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 21-Jan-02
TDZ050170 VISHAY-TDZ050170 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
More results

Description similaire - TDZFH16

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com