Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS70936DBVR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS70936DBVR
Description  150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70936DBVR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS70936DBVR Datasheet HTML 7Page - Texas Instruments TPS70936DBVR Datasheet HTML 8Page - Texas Instruments TPS70936DBVR Datasheet HTML 9Page - Texas Instruments TPS70936DBVR Datasheet HTML 10Page - Texas Instruments TPS70936DBVR Datasheet HTML 11Page - Texas Instruments TPS70936DBVR Datasheet HTML 12Page - Texas Instruments TPS70936DBVR Datasheet HTML 13Page - Texas Instruments TPS70936DBVR Datasheet HTML 14Page - Texas Instruments TPS70936DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G028
Channel 2 = V
4 = V
I
= 10 mA
OUT
IN
OUT
Channel
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G029
Channel 2 = V
4 = V
I
= 50 mA
OUT
IN
OUT
Channel
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (10 ms / div)
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G026
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G027
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (100 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G024
Channel 4
(100 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G025
TPS709
www.ti.com
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(typ) + 1 V or
2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = 25°C.
Figure 25. TPS70933 Load Transient (0 mA to 50 mA)
Figure 26. TPS70933 Load Transient (1 mA to 150 mA)
Figure 27. TPS70933 Load Transient (50 mA to 0 mA)
Figure 28. TPS70933 Load Transient (50 mA to 150 mA)
Figure 29. TPS70912 Line Transient (2.7 V to 3.7 V)
Figure 30. TPS70912 Line Transient (2.7 V to 3.7 V)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS709


Numéro de pièce similaire - TPS70936DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS70936DBVR TI1-TPS70936DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70936DBVR TI1-TPS70936DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70936DBVR TI1-TPS70936DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70936DBVR TI-TPS70936DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Description similaire - TPS70936DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com