Moteur de recherche de fiches techniques de composants électroniques |
|
LM301A-N-MIL Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
LM301A-N-MIL Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 24 page LM101A-N, LM201A-N, LM301A-N www.ti.com SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013 LM101A/LM201A/LM301A Operational Amplifiers Check for Samples: LM101A-N, LM201A-N, LM301A-N 1 FEATURES DESCRIPTION The LM101A series are general purpose operational • Improved Specifications include: amplifiers which feature improved performance over • Offset Voltage 3 mV Maximum Over industry standards like the LM709. Advanced Temperature (LM101A/LM201A) processing techniques make possible an order of • Input Current 100 nA Maximum Over magnitude reduction in input currents, and a redesign of the biasing circuitry reduces the temperature drift Temperature (LM101A/LM201A) of input current. • Offset Current 20 nA Maximum Over Temperature (LM101A/LM201A) This amplifier offers many features which make its application nearly foolproof: Overload protection on • Specified Drift Characteristics the input and output, no latch-up when the common • Offsets Specified Over Entire Common Mode mode range is exceeded, and freedom from and Supply Voltage Ranges oscillations and compensation with a single 30 pF • Slew Rate of 10V/ μs as a Summing Amplifier Capacitor. It has advantages over internally compensated amplifiers in that the frequency compensation can be tailored to the particular application. For example, in low frequency circuits it can be overcompensated for increased stability margin or the compensation can be optimized to give more than a factor of ten improvement in high frequency performance for most applications. In Addition, the device provides better accuracy and lower noise in high impedance circuitry. The low input currents also make it particularly well suited for long interval integrators or timers, sample and hold circuits and low frequency waveform generators. Further, replacing circuits where matched transistor pairs buffer the inputs of conventional IC op amps, It can give lower offset voltage and a drift at a lower cost. The LM101A is ensured over a temperature range of −55°C to +125°C, the LM201A from −25°C to +85°C, and the LM301A from 0°C to +70°C. Fast AC-DC Converter Feedforward compensation can be used to make a fast full wave rectifier without a filter. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - LM301A-N-MIL |
|
Description similaire - LM301A-N-MIL |