Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM337-N Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM337-N
Description  3-Terminal Adjustable Negative Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM337-N Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM337-N Datasheet HTML 5Page - Texas Instruments LM337-N Datasheet HTML 6Page - Texas Instruments LM337-N Datasheet HTML 7Page - Texas Instruments LM337-N Datasheet HTML 8Page - Texas Instruments LM337-N Datasheet HTML 9Page - Texas Instruments LM337-N Datasheet HTML 10Page - Texas Instruments LM337-N Datasheet HTML 11Page - Texas Instruments LM337-N Datasheet HTML 12Page - Texas Instruments LM337-N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LM337-N-MIL
www.ti.com
SNVSAX3 – JUNE 2017
Product Folder Links: LM337-N-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10-μF capacitors have
low enough internal series resistance to deliver 20-A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.
When an output capacitor is connected to a negative output regulator and the input is shorted, the output
capacitor pulls current out of the output of the regulator. The current depends on the value of the capacitor, the
output voltage of the regulator, and the rate at which VIN is shorted to ground.
The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs
when either the input, or the output, is shorted. Figure 13 shows the placement of the protection diodes.
*When CL is larger than 20 μF, D1 protects the LM1337-N-MIL in case the input supply is shorted
**When C2 is larger than 10 μF and −VOUT is larger than −25V, D2 protects the LM1337-N-MIL in case the output is
shorted
Figure 13. Regulator With Protection Diodes


Numéro de pièce similaire - LM337-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM337-N TI1-LM337-N Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Description similaire - LM337-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com