Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317HVH Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM317HVH
Description  High Voltage Three-Terminal Adjustable Regulator With Overload Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM317HVH Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM317HVH Datasheet HTML 7Page - Texas Instruments LM317HVH Datasheet HTML 8Page - Texas Instruments LM317HVH Datasheet HTML 9Page - Texas Instruments LM317HVH Datasheet HTML 10Page - Texas Instruments LM317HVH Datasheet HTML 11Page - Texas Instruments LM317HVH Datasheet HTML 12Page - Texas Instruments LM317HVH Datasheet HTML 13Page - Texas Instruments LM317HVH Datasheet HTML 14Page - Texas Instruments LM317HVH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
( )
OUT
ADJ
R
V
= 1.25 V
I
R
R
2
2
1
1
æ
ö
+
+
ç
÷
è
ø
11
LM317HV-MIL
www.ti.com
SNVSAY1 – JUNE 2017
Product Folder Links: LM317HV-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM317HV-MIL is a high voltage input capable linear regulator with overload protection. Due to its wide input
voltage range, the LM317HV-MIL serves a variety of applications and provides a precise voltage regulation with
low dropout across a wide output voltage and load current range. The device regulates a constant 1.25 V
between VOUT and ADJ, so placing a fixed resistor between these pins provides a constant current regulation.
Capacitors at the input help filter the input power supply, while the output capacitors aid in transient response
stability. A bypass capacitor can be placed between ADJ pin and ground (across R2) to improve ripple rejection.
8.2 Typical Applications
8.2.1 1.25-V to 45-V High Voltage Adjustable Regulator
The device can be used as an adjustable regulator to allow a variety of output voltages for high voltage
applications. By using an adjustable R2 resistor, a variety of output voltages can be made possible as shown in
Figure 16.
Full output current not available at high input-output voltages
†Optional—improves transient response. Output capacitors in the range of 1 μF to 1000 μF of aluminum or tantalum
electrolytic
are commonly used to provide improved output impedance and rejection of transients.
*Needed if device is more than 6 inches from filter capacitors.
††
Figure 16. 1.25-V to 45-V High Voltage Adjustable Regulator
8.2.1.1 Design Requirements
The device component count is very minimal, employing two resistors as part of a voltage divider circuit and an
output capacitor for load regulation. An input capacitor is needed if the device is more than 6 inches from filter
capacitors. An optional bypass capacitor across R2 can also be used to improve PSRR.


Numéro de pièce similaire - LM317HVH

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM317HVH NSC-LM317HVH Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317HVH TI1-LM317HVH Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
LM317HVH/NOPB TI1-LM317HVH/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results

Description similaire - LM317HVH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM317HV TI-LM317HV_15 Datasheet
2Mb / 28P
[Old version datasheet]   LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI-LM117HV_15 Datasheet
2Mb / 28P
[Old version datasheet]   LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com