Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM139FKB Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM139FKB
Description  Quad Differential Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM139FKB Fiches technique(HTML) 3 Page - Texas Instruments

  LM139FKB Datasheet HTML 1Page - Texas Instruments LM139FKB Datasheet HTML 2Page - Texas Instruments LM139FKB Datasheet HTML 3Page - Texas Instruments LM139FKB Datasheet HTML 4Page - Texas Instruments LM139FKB Datasheet HTML 5Page - Texas Instruments LM139FKB Datasheet HTML 6Page - Texas Instruments LM139FKB Datasheet HTML 7Page - Texas Instruments LM139FKB Datasheet HTML 8Page - Texas Instruments LM139FKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN+
NC
4IN−
VCC
NC
2IN−
NC
2IN+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN−
2IN+
1IN−
1IN+
OUT3
OUT4
GND
4IN+
4IN−
3IN+
3IN−
3
LM139-MIL
www.ti.com
SLCS160 – JUNE 2017
Product Folder Links: LM139-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, J, or W Package
SOIC, CDIP, or CFP
Top View
FK Package
20-Pin LCCC
Top View
NC = no internal connection.
(1)
I = Input, O = Output
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
D, J, W
FK
1IN+
7
10
I
Positive input pin of the comparator 1
1IN–
6
9
I
Negative input pin of the comparator 1
1OUT
1
2
O
Output pin of the comparator 1
2IN+
5
8
I
Positive input pin of the comparator 2
2IN–
4
6
I
Negative input pin of the comparator 2
2OUT
2
3
O
Output pin of the comparator 2
3IN+
9
13
I
Positive input pin of the comparator 3
3IN–
8
12
I
Negative input pin of the comparator 3
3OUT
14
20
O
Output pin of the comparator 3
4IN+
11
16
I
Positive input pin of the comparator 4
4IN–
10
14
I
Negative input pin of the comparator 4
4OUT
13
19
O
Output pin of the comparator 4
GND
12
18
Ground
VCC
3
4
Supply pin
NC
1
No connect (no internal connection)
5
7
11
15
17


Numéro de pièce similaire - LM139FKB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM139FKB TI-LM139FKB Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI-LM139FKB Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI-LM139FKB Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI1-LM139FKB Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI-LM139FKB Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Description similaire - LM139FKB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com