Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM10CH/NOPB Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM10CH/NOPB
Description  Operational Amplifier and Voltage Reference
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM10CH/NOPB Fiches technique(HTML) 5 Page - Texas Instruments

  LM10CH/NOPB Datasheet HTML 1Page - Texas Instruments LM10CH/NOPB Datasheet HTML 2Page - Texas Instruments LM10CH/NOPB Datasheet HTML 3Page - Texas Instruments LM10CH/NOPB Datasheet HTML 4Page - Texas Instruments LM10CH/NOPB Datasheet HTML 5Page - Texas Instruments LM10CH/NOPB Datasheet HTML 6Page - Texas Instruments LM10CH/NOPB Datasheet HTML 7Page - Texas Instruments LM10CH/NOPB Datasheet HTML 8Page - Texas Instruments LM10CH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LM10-MIL
www.ti.com
SNOSD68 – JUNE 2017
Product Folder Links: LM10-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
These specifications apply for V
≤ VCM ≤ V
+− 0.85 V, 1 V (T
MIN ≤ TJ ≤ TMAX), 1.2 V, 1.3 V (TMIN ≤ TJ ≤ TMAX) < VS ≤ VMAX, VREF = 0.2 V
and 0
≤ IREF ≤ 1 mA, unless otherwise specified: VMAX = 40 V for the standard part and 6.5 V for the low voltage part. The full-
temperature-range operation is
−55°C to 125°C for the LM10-MIL. The specifications do not include the effects of thermal gradients (τ1
20 ms), die heating (τ2 ≃ 0.2 s) or package heating. Gradient effects are small and tend to offset the electrical error (see curves).
(2)
For TJ > 90°C, IOS may exceed 1.5 nA for VCM = V
. With T
J = 125°C and V
≤ V
CM ≤ V
+ 0.1 V, I
OS ≤ 5 nA.
(3)
This defines operation in floating applications such as the bootstrapped regulator or two-wire transmitter. Output is connected to the V+
terminal of the IC and input common mode is referred to V(see System Examples). Effect of larger output-voltage swings with higher
load resistance can be accounted for by adding the positive-supply rejection error.
6.4 Electrical Characteristics
TJ=25°C unless otherwise specified
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
TJ=25°C
0.3
2
mV
TMIN ≤ TJ ≤ TMAX (see
(1))
3
mV
Input offset current(2)
TJ=25°C
0.25
0.7
nA
TMIN ≤ TJ ≤ TMAX (see
(1))
1.5
nA
Input bias current
TJ=25°C
10
20
nA
TMIN ≤ TJ ≤ TMAX (see
(1))
30
nA
Input resistance
TJ=25°C
250
500
TMIN ≤ TJ ≤ TMAX (see
(1))
150
Large signal voltage
gain
VS = ±20 V, IOUT = 0
120
400
V/mV
VOUT = ±19.95 V, TMIN ≤ TJ ≤ TMAX (see
(1))
80
V/mV
VS = ±20 V, VOUT = ±19.4 V
50
130
V/mV
IOUT = ±20 mA, TMIN ≤ TJ ≤ TMAX (see
(1))
20
V/mV
IOUT = ±15 mA, TMIN ≤ TJ ≤ TMAX (see
(1))
20
V/mV
VS = ±0.6 V, IOUT = ±2 mA
1.5
3
V/mV
VS = ±0.65 V, IOUT = ±2 mA, TMIN ≤ TJ ≤ TMAX (see
(1))
1.5
3
V/mV
VOUT = ±0.4 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.5
V/mV
VOUT = ±0.3 V, VCM = −0.4 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.5
V/mV
Shunt gain(3)
1.2 V
≤ VOUT ≤ 40 V, RL = 1.1 kΩ
14
33
V/mV
1.3 V
≤ VOUT ≤ 40 V, RL = 1.1 kΩ, TMIN ≤ TJ ≤ TMAX (see
(1))
14
33
V/mV
0.1 mA
≤ IOUT ≤ 5 mA, TMIN ≤ TJ ≤ TMAX (see
(1))
6
V/mV
1.5 V
≤ V+ ≤ 40 V, RL = 250 Ω
8
25
V/mV
0.1 mA
≤ IOUT ≤ 20 mA, TMIN ≤ TJ ≤ TMAX (see
(1))
4
V/mV
Common-mode
rejection
−20 V ≤ VCM ≤ 19.15 V
93
102
dB
−20 V ≤ VCM ≤ 19 V, TMIN ≤ TJ ≤ TMAX (see
(1))
93
102
dB
VS = ±20 V, TMIN ≤ TJ ≤ TMAX (see
(1))
87
dB
Supply-voltage
rejection
−0.2 V ≥ V≥ −39 V
90
96
dB
V+ = 1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
84
dB
V+ = 1.1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
84
dB
1 V
≤ V+ ≤ 39.8 V
96
106
dB
1.1 V
≤ V+ ≤ 39.8 V, TMIN ≤ TJ ≤ TMAX (see
(1))
96
106
dB
V=
−0.2 V, TMIN ≤ TJ ≤ TMAX (see
(1))
90
dB
Offset voltage drift
2
μV/°C
Offset current drift
2
pA/°C
Bias current drift
TC < 100°C
60
pA/°C
Line regulation
1.2 V
≤ VS ≤ 40 V
0.001
0.003
%/V
1.3 V
≤ VS ≤ 40 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.001
0.003
%/V
0
≤ IREF ≤ 1 mA, VREF = 200 mV, TMIN ≤ TJ ≤ TMAX (see
(1))
0.006
%/V
Load regulation
0
≤ IREF ≤ 1 mA
0.01%
0.1%
V+
− VREF ≥ 1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.15%
V+
− VREF ≥ 1.1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.15%


Numéro de pièce similaire - LM10CH/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM10CH/NOPB TI1-LM10CH/NOPB Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
More results

Description similaire - LM10CH/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com