Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FXL2T245 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FXL2T245
Description  Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL2T245 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FXL2T245 Datasheet HTML 1Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 2Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 3Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 4Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 5Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 6Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 7Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 8Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics V
CCA = 3.0V to 3.6V
AC Electrical Characteristics V
CCA = 2.3V to 2.7V
AC Electrical Characteristics V
CCA = 1.65V to 1.95V
AC Electrical Characteristics V
CCA = 1.4V to 1.6V
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.2
3.5
0.3
3.9
0.5
5.4
0.6
6.8
1.4
22.0
ns
Propagation Delay B to A
0.2
3.5
0.2
3.8
0.3
4.0
0.5
4.3
0.8
13.0
tPZH, tPZL Output Enable OE to B
0.5
4.0
0.7
4.4
1.0
5.9
1.0
6.4
1.5
17.0
ns
Output Enable OE to A
0.5
4.0
0.5
4.0
0.5
4.0
0.5
4.0
0.5
4.0
tPHZ, tPLZ Output Disable OE to B
0.2
3.8
0.2
4.0
0.7
4.8
1.5
6.2
2.0
17.0
ns
Output Disable OE to A
0.2
3.7
0.2
3.7
0.2
3.7
0.2
3.7
0.2
3.7
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.2
3.8
0.4
4.2
0.5
5.6
0.8
6.9
1.4
22.0
ns
Propagation Delay B to A
0.3
3.9
0.4
4.2
0.5
4.5
0.5
4.8
1.0
7.0
tPZH, tPZL Output Enable OE to B
0.6
4.2
0.8
4.6
1.0
6.0
1.0
6.8
1.5
17.0
ns
Output Enable OE to A
0.6
4.5
0.6
4.5
0.6
4.5
0.6
4.5
0.6
4.5
tPHZ, tPLZ Output Disable OE to B
0.2
4.1
0.2
4.3
0.7
4.8
1.5
6.7
2.0
17.0
ns
Output Disable OE to A
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.3
4.0
0.5
4.5
0.8
5.7
0.9
7.1
1.5
22.0
ns
Propagation Delay B to A
0.5
5.4
0.5
5.6
0.8
5.7
1.0
6.0
1.2
8.0
tPZH, tPZL Output Enable OE to B
0.6
5.2
0.8
5.4
1.2
6.9
1.2
7.2
1.5
18.0
ns
Output Enable OE to A
1.0
6.7
1.0
6.7
1.0
6.7
1.0
6.7
1.0
6.7
tPHZ, tPLZ Output Disable OE to B
0.2
5.1
0.2
5.2
0.8
5.2
1.5
7.0
2.0
17.0
ns
Output Disable OE to A
0.5
5.0
0.5
5.0
0.5
5.0
0.5
5.0
0.5
5.0
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.5
4.3
0.5
4.8
1.0
6.0
1.0
7.3
1.5
22.0
ns
Propagation Delay B to A
0.6
6.8
0.8
6.9
0.9
7.1
1.0
7.3
1.3
9.5
tPZH, tPZL Output Enable OE to B
1.1
7.5
1.1
7.6
1.3
7.7
1.4
7.9
2.0
20.0
ns
Output Enable OE to A
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
tPHZ, tPLZ Output Disable OE to B
0.4
6.1
0.4
6.2
0.9
6.2
1.5
7.5
2.0
18.0
ns
Output Disable OE to A
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FXL4245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXL4T245 Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXLH42245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1  2  3  4  5  More Fairchild Semiconductor
FXL5T244 Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies 1  2  3  4  5  More Fairchild Semiconductor
PI74LVCC3245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
PI74LVCC4245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
SN74AVC8T245 8 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVC2T45 DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC20T245 20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
74VCX164245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn