Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FXL2T245 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FXL2T245
Description  Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL2T245 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FXL2T245 Datasheet HTML 1Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 2Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 3Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 4Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 5Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 6Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 7Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 8Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 4: VCCI = the VCC associated with the data input under test.
Note 5: VCCO = the VCC associated with the output under test.
Note 6: Don’t Care
= Any valid logic level.
Note 7: Reflects current per supply, VCCA or VCCB.
Symbol
Parameter
Conditions
VCCA
VCCB
Min
Max
Units
(V)
(V)
VOH
High Level Output Voltage
IOH = −100 µA
1.1 - 3.6
1.1 - 3.6
VCC0 - 0.2
V
(Note 5)
IOH = −12 mA
2.7
2.7
2.2
IOH = −18 mA
3.0
3.0
2.4
IOH = −24 mA
3.0
3.0
2.2
IOH = −6 mA
2.3
2.3
2.0
IOH = −12 mA
2.3
2.3
1.8
IOH = −18 mA
2.3
2.3
1.7
IOH = −6 mA
1.65
1.65
1.25
IOH = −2 mA
1.4
1.4
1.05
IOH = −0.5 mA
1.1
1.1
0.75 x VCC0
VOL
Low Level Output Voltage
IOL = 100µA
1.1 - 3.6
1.1- 3.6
0.2
V
(Note 5)
IOL = 12 mA
2.7
2.7
0.4
IOL = 18 mA
3.0
3.0
0.4
IOL = 24 mA
3.0
3.0
0.55
IOL =12 mA
2.3
2.3
0.4
IOL = 18 mA
2.3
2.3
0.6
IOL = 6 mA
1.65
1.65
0.3
IOL = 2 mA
1.4
1.4
0.35
IOL = 0.5 mA
1.1
1.1
0.3 x VCC0
II
Input Leakage Current. Control Pins VI = VCCA or GND
1.1 - 3.6
3.6
±1.0
µA
IOFF
Power Off Leakage Current
An, VI or VO = 0V to 3.6V
0
3.6
±10.0
µA
Bn, VI or VO = 0V to 3.6V
3.6
0
±10.0
IOZ
3-STATE Output Leakage
An, Bn
OE
= V
IH
3.6
3.6
±10.0
µA
(Note 6)
0
≤ V
O ≤ 3.6V
Bn,
OE
= Don’t Care
0
3.6
+10.0
VI = VIH or VIL
An,
OE
= Don’t Care
3.6
0
+10.0
ICCA/B (Note 7) Quiescent Supply Current
VI = VCCI or GND; IO = 0
1.1 - 3.6
1.1 - 3.6
20.0
µA
ICCZ (Note 7)
Quiescent Supply Current
VI = VCCI or GND; IO = 0
1.1 - 3.6
1.1 - 3.6
20.0
µA
ICCA
Quiescent Supply Current
VI = VCCA or GND; IO = 0
0
1.1 - 3.6
−10.0
µA
VI = VCCA or GND; IO = 0
1.1 - 3.6
0
10.0
µA
ICCB
Quiescent Supply Current
VI = VCCB or GND; IO = 0
1.1 - 3.6
0
−10.0
µA
VI = VCCB or GND; IO = 0
0
1.1 - 3.6
10.0
µA
∆I
CCA/B
Increase in ICC per Input;
VIH = 3.0
3.6
3.6
500
µA
Other Inputs at VCC or GND


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FXL4245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXL4T245 Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXLH42245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1  2  3  4  5  More Fairchild Semiconductor
FXL5T244 Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies 1  2  3  4  5  More Fairchild Semiconductor
PI74LVCC3245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
PI74LVCC4245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
SN74AVC8T245 8 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVC2T45 DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC20T245 20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
74VCX164245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn