Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDZ299P Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDZ299P
Description  P-Channel 2.5 V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ299P Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDZ299P Datasheet HTML 1Page - Fairchild Semiconductor FDZ299P Datasheet HTML 2Page - Fairchild Semiconductor FDZ299P Datasheet HTML 3Page - Fairchild Semiconductor FDZ299P Datasheet HTML 4Page - Fairchild Semiconductor FDZ299P Datasheet HTML 5Page - Fairchild Semiconductor FDZ299P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
February 2004
©2004 Fairchild Semiconductor Corporation
FDZ299P Rev C6 (W)
FDZ299P
P-Channel 2.5 V Specified PowerTrench® BGA MOSFET
General Description
Combining
Fairchild’s
advanced
2.5V
specified
PowerTrench process with state of the art BGA
packaging, the FDZ299P minimizes both PCB space
and RDS(ON).
This BGA MOSFET embodies a
breakthrough in packaging technology which enables
the device to combine excellent thermal transfer
characteristics, high current handling capability, ultra-
low profile packaging, low gate charge, and low RDS(ON).
Applications
• Battery management
• Load switch
• Battery protection
Features
• –4.6 A, –20 V
RDS(ON) = 55 mΩ @ VGS = –4.5 V
RDS(ON) = 80 mΩ @ VGS = –2.5 V
• Occupies only 2.25 mm2 of PCB area.
Less than 50% of the area of a SSOT-6
• Ultra-thin package: less than 0.80 mm height when
mounted to PCB
• Outstanding thermal transfer characteristics:
4 times better than SSOT-6
• Ultra-low Qg x RDS(ON) figure-of-merit
• High power and current handling capability.
Bottom
Top
S
D
G
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current – Continuous
(Note 1a)
–4.6
A
– Pulsed
–10
PD
Power Dissipation for Single Operation
(Note 1a)
1.7
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
72
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
B
FDZ299P
7”
8mm
3000 units


Numéro de pièce similaire - FDZ299P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
More results

Description similaire - FDZ299P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ298N FAIRCHILD-FDZ298N Datasheet
170Kb / 6P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ294N FAIRCHILD-FDZ294N Datasheet
146Kb / 9P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P_06 Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDJ129P FAIRCHILD-FDJ129P_07 Datasheet
6Mb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P Datasheet
176Kb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com