Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN371N Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN371N
Description  20V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN371N Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN371N Datasheet HTML 1Page - Fairchild Semiconductor FDN371N Datasheet HTML 2Page - Fairchild Semiconductor FDN371N Datasheet HTML 3Page - Fairchild Semiconductor FDN371N Datasheet HTML 4Page - Fairchild Semiconductor FDN371N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
September 2001
©2001 Fairchild Semiconductor Corporation
FDN371N Rev C (W)
FDN371N
20V N-Channel PowerTrench
®
® MOSFET
General Description
This 20V N-Channel MOSFET uses Fairchild’s high
voltage PowerTrench process. It has been optimized for
power management applications.
Applications
Load switch
Battery protection
Power management
Features
• 2.5 A, 20 V.
RDS(ON) = 50 m
Ω @ V
GS = 4.5 V
RDS(ON) = 60 m
Ω @ V
GS = 2.5 V
• Low gate charge (7.6 nC typical)
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
G
D
S
SuperSOT -3
TM
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 12
V
ID
Drain Current
– Continuous
(Note 1a)
2.5
A
– Pulsed
10
Power Dissipation for Single Operation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
371
FDN371N
7’’
8mm
3000 units


Numéro de pièce similaire - FDN371N

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDN371N-NL VBSEMI-FDN371N-NL Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - FDN371N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com