Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN53418M Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN53418M
Description  Synchronous DC-DC MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53418M Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN53418M Datasheet HTML 1Page - Fairchild Semiconductor FAN53418M Datasheet HTML 2Page - Fairchild Semiconductor FAN53418M Datasheet HTML 3Page - Fairchild Semiconductor FAN53418M Datasheet HTML 4Page - Fairchild Semiconductor FAN53418M Datasheet HTML 5Page - Fairchild Semiconductor FAN53418M Datasheet HTML 6Page - Fairchild Semiconductor FAN53418M Datasheet HTML 7Page - Fairchild Semiconductor FAN53418M Datasheet HTML 8Page - Fairchild Semiconductor FAN53418M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.0.0 6/11/03
Features
• Drives N-channel High-Side and Low-Side MOSFETs in
a synchronous buck configuration
• Internal Adaptive “Shoot-Through” Protection
• High Switching Frequency (> 500kHz)
– 30ns Output Rise/Fall Times w/3000pF load
– 20ns Propagation Delay
• 12V High-Side and 12V Low-Side Drive
•OD input for Output Disable – allows for synchronization
with PWM controller
• SOIC-8 Package
Applications
• Multi-phase VRM/VRD regulators for Microprocessor
Power
• High Current/High Frequency DC/DC Converters
• High Power Modular Power Supplies
General Description
The FAN53418 is a high frequency, dual MOSFET driver
specifically designed to drive two power N-Channel
MOSFETs in a synchronous rectified buck converter.
These drivers combined with a FAN53168 Multi-Phase Buck
PWM controller and power MOSFETs form a complete core
voltage regulator solution for advanced microprocessors.
The FAN53418 drives both the upper and lower gates in a
synchronous rectifier to +12V. The upper gate drive imple-
ments bootstrapping with only an external capacitor and
diode required. This reduces implementation complexity
and allows the use of higher performance, cost effective,
N-Channel MOSFETs.
The output drivers in the FAN53418 have the capacity to
efficiently switch power MOSFETs at frequencies over
500kHz. Each driver is capable of driving a 3000pF load
with a ~20ns propagation delay and ~30ns transition time.
Adaptive shoot-through protection is integrated to prevent
both MOSFETs from conducting simultaneously. Addition-
ally an Output Disable function is included to synchronize
the driver with the PWM controller. The FAN53418 is
rated for operation from 0°C to +85°C and is available in a
low-cost SOIC-8 package.
FAN53418
Synchronous DC-DC MOSFET Driver
Basic Application
Figure 1. Basic Application Circuit
FAN54318
1
2
4
3
8
7
5
6
DRVH
BST
IN
SW
PGND
DRVL
VCC
OD
D1
CBST
Q2
C VCC
L1
C VIN
Q1
+12V


Numéro de pièce similaire - FAN53418M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5341UMPX FAIRCHILD-FAN5341UMPX Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341UMPX ONSEMI-FAN5341UMPX Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Description similaire - FAN53418M

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIP41103DM VISHAY-SIP41103DM Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
SIP41103 VISHAY-SIP41103 Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
logo
International Rectifier
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Rohm
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
logo
International Rectifier
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Rohm
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
logo
Semtech Corporation
SC1185 SEMTECH-SC1185_05 Datasheet
252Kb / 14P
   Programmable Synchronous DC/DC
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com