Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C11 Fiches technique(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

No de pièce BZX55C11
Description  DO-35 Glass-Encapsulate Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Site Internet  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

BZX55C11 Fiches technique(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  BZX55C11 Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C11 Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C11 Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C11 Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C11 Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C11 Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
//htmlimg2.alldatasheet.fr/htmldatasheet2/951740/HDSEMI/BZX55C11/217/1/BZX55C11.png


Numéro de pièce similaire - BZX55C11

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN YONGERJIA INDU...
BZX55C11 WINNERJOIN-BZX55C11 Datasheet
302Kb / 5P
   Zener diode
logo
Vishay Siliconix
BZX55C11 VISHAY-BZX55C11 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX55C11 ZSELEC-BZX55C11 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
First Components Intern...
BZX55C11 FCI-BZX55C11 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Shenzhen Luguang Electr...
BZX55C11 LUGUANG-BZX55C11 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - BZX55C11

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu High diode Semi...
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
   DO-35 Glass-Encapsulate Diodes
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
   DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
   DO-35 Glass-Encapsulate Diodes
1N47-SERIES HDSEMI-1N47-SERIES Datasheet
1Mb / 5P
   DO-4 1 Glass-Encapsulate Diodes
logo
Leshan Radio Company
BI-DORECTIONAL LRC-BI-DORECTIONAL Datasheet
110Kb / 2P
   DO-35 GLASS-SEALED BI-DIRECTIONAL TRIGGER DIODES
logo
Motorola, Inc
1N5221B MOTOROLA-1N5221B Datasheet
441Kb / 9P
   500mW DO-35 GLASS
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Microsemi Corporation
LL485B MICROSEMI-LL485B Datasheet
67Kb / 1P
   High Conductance DO-35 Diodes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com