Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1184K5LA Fiches technique(PDF) 6 Page - Anachip Corp

No de pièce AP1184K5LA
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1184K5LA Fiches technique(HTML) 6 Page - Anachip Corp

Back Button AP1184K5LA Datasheet HTML 2Page - Anachip Corp AP1184K5LA Datasheet HTML 3Page - Anachip Corp AP1184K5LA Datasheet HTML 4Page - Anachip Corp AP1184K5LA Datasheet HTML 5Page - Anachip Corp AP1184K5LA Datasheet HTML 6Page - Anachip Corp AP1184K5LA Datasheet HTML 7Page - Anachip Corp AP1184K5LA Datasheet HTML 8Page - Anachip Corp AP1184K5LA Datasheet HTML 9Page - Anachip Corp AP1184K5LA Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 7, 2004
6/11
Functional Descriptions(Continued)
Thermal Design
The AP1184-XXX incorporates an internal thermal
shutdown that protects the device when the junction
temperature exceeds the allowable maximum
junction temperature. Although this device can
operate with junction temperatures in the range of
150
oC, it is recommended that the selected heat
sink be chosen such that during maximum
continuous load operation, the junction temperature
is kept below this number. The example below
shows the steps in selecting the proper surface
mount package.
Assuming, the following conditions:
Vout=2.5V
Vin=3.3V
Vctrl=5V
Iout=2A DC Avg.
Calculate the maximum power dissipation using
the following equation:
Pd=Iout*(Vin-Vout)+(Iout/60)*(Vctrl-Vout)
Pd=2*(3.3-2.5)+(2/60)*(5-2.5)=1.68W
Using table below select the proper package
and the amount of copper board needed.
Package
Copper Area
θJA (
oC/W)
Max Pd (Ta=25
oC)
Max Pd (Ta=45
oC)
SOP7
1.0” X 1.0”
65
1.7W
1.4W
TO263
Pad Size-1.4”X1.4”
25-45
2.4W-4.4W
2.0W-3.6W
Note: Above table is based on the maximum junction temperature of 135
oC.
As shown in the above table, any of the two packages will do the job. For low cost applications the SOP7 package is
recommended.


Numéro de pièce similaire - AP1184K5LA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1184K5L-13 DIODES-AP1184K5L-13 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
AP1184K5L-U DIODES-AP1184K5L-U Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
More results

Description similaire - AP1184K5LA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com