Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H2U14W1H2A0100 Fiches technique(PDF) 6 Page - Unictron Technologies Corporation

No de pièce H2U14W1H2A0100
Description  GNSS Ceramic Chip Antenna
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UNICTRON [Unictron Technologies Corporation]
Site Internet  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2U14W1H2A0100 Fiches technique(HTML) 6 Page - Unictron Technologies Corporation

Back Button H2U14W1H2A0100 Datasheet HTML 2Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 3Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 4Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 5Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 6Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 7Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 8Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 9Page - Unictron Technologies Corporation H2U14W1H2A0100 Datasheet HTML 10Page - Unictron Technologies Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Datasheet: AA088 - H2U14W1H2A0100
Page 6 / 23
Unique Electronics You Need
2.5 Efficiency Table
Frequency(MHz)
1560 1561 1562 1563 1564 1565 1566 1567 1568 1569 1570
Efficiency(dB)
-1.7
-1.3
-1.2
-1.1
-1.0
-1.0
-0.9
-0.9
-0.9
-0.9
-0.8
Efficiency(%)
67.9
74.3
76.2
77.6
79.1
80.0
80.6
81.1
81.7
82.2
83.4
Gain(dBi)
2.8
2.9
3.0
3.1
3.1
3.1
3.2
3.2
3.2
3.2
3.3
Frequency(MHz)
1571 1572 1573 1574 1575 1576 1577 1578 1579 1580 1581
Efficiency(dB)
-0.8
-0.8
-0.8
-0.8
-0.8
-0.8
-0.8
-0.8
-0.8
-0.8
-0.8
Efficiency(%)
83.8
84.0
83.6
83.4
83.4
83.6
84.0
84.0
84.2
83.8
82.4
Gain(dBi)
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.2
Frequency(MHz)
1582 1583 1584 1585 1586 1587 1588 1589 1590 1591 1592
Efficiency(dB)
-0.8
-0.9
-0.9
-0.9
-0.9
-0.9
-0.9
-1.0
-1.1
-1.0
-1.0
Efficiency(%)
82.4
82.2
82.2
81.9
81.5
80.7
80.6
79.8
78.5
78.7
78.7
Gain(dBi)
3.2
3.1
3.1
3.1
3.1
3.1
3.0
3.0
2.9
2.9
2.9
Frequency(MHz)
1593 1594 1595 1596 1597 1598 1599 1600 1601 1602 1603
Efficiency(dB)
-1.0
-1.1
-1.1
-1.2
-1.2
-1.2
-1.2
-1.2
-1.3
-1.7
-1.5
Efficiency(%)
78.7
78.2
77.6
76.4
76.1
75.7
75.7
75.2
74.1
72.0
71.6
Gain(dBi)
2.9
2.9
2.8
2.8
2.8
2.8
2.7
2.7
2.7
2.6
2.5
Frequency(MHz)
1604 1605 1606
Efficiency(dB)
-1.5
-1.6
-1.7
Efficiency(%)
70.2
69.2
68.1
Gain(dBi)
2.5
2.4
2.4
Introduction Electrical Characteristics
Radiation Pattern Layout
Tuning
Packing
Notes


Numéro de pièce similaire - H2U14W1H2A0100

FabricantNo de pièceFiches techniqueDescription
logo
Unictron Technologies C...
H2U1631S1A0100 UNICTRON-H2U1631S1A0100 Datasheet
957Kb / 10P
   10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
H2U16V1A1A0100 UNICTRON-H2U16V1A1A0100 Datasheet
646Kb / 10P
   10 x 3.2 x 2.0 GPS Chip Antenna (AA065)
More results

Description similaire - H2U14W1H2A0100

FabricantNo de pièceFiches techniqueDescription
logo
Unictron Technologies C...
H2U94W1H1G0300 UNICTRON-H2U94W1H1G0300 Datasheet
1Mb / 27P
   GNSS Ceramic Chip Antenna
H2UC4W1H2D0300 UNICTRON-H2UC4W1H2D0300 Datasheet
1Mb / 27P
   GNSS Ceramic Chip Antenna
logo
Pulse A Technitrol Comp...
W3011A PULSE-W3011A Datasheet
1Mb / 16P
   1.575 GHz GNSS Ceramic Chip Antenna
logo
Molex Electronics Ltd.
2030070001 MOLEX-2030070001 Datasheet
302Kb / 5P
   GNSS/Wifi Combo Ceramic Antenna
2017/09/11
logo
Abracon Corporation
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
   BEIDOU / GPS / GNSS Chip Antenna
10.06.14
logo
Molex Electronics Ltd.
2156340001 MOLEX-2156340001 Datasheet
108Kb / 1P
   MOLEX GNSS LTCC CHIP ANTENNA
2020/12/01
logo
Mitsumi Electronics, Co...
GPA-GS200 MITSUMI-GPA-GS200 Datasheet
119Kb / 2P
   GNSS Antenna
GPA-GS250 MITSUMI-GPA-GS250 Datasheet
67Kb / 2P
   GNSS Antenna
logo
Linx Technologies
ANT-GNCP-C257L160 LINX-ANT-GNCP-C257L160 Datasheet
906Kb / 8P
   L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-TH25AL12 LINX-ANT-GNCP-TH25AL12 Datasheet
1Mb / 14P
   L1/L2 Ceramic Patch GNSS Antenna
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com