Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWXXA Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce FWXXA
Description  Fusible Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWXXA Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  FWXXA Datasheet HTML 1Page - Bourns Electronic Solutions FWXXA Datasheet HTML 2Page - Bourns Electronic Solutions FWXXA Datasheet HTML 3Page - Bourns Electronic Solutions FWXXA Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
FWxxASeriesFusiblePowerResistors
Fusing Performance
Temperature Rise
Power Derating Curve
Pulse Performance
1.2/50µsPeakVoltageLimit(10pulsesat10sec.intervals,∆R<5%)
NOTE:Thevoltageshowninthesecurvesisthevoltageacrosstheresistor.Thegeneratorvoltagewillbehigherduetothegenerator’sinternalimpedance.
0
20
40
60
80
100
120
140
160
180
200
220
240
1 W
1 W
2 W
3 W
5 W
7 W
2 W3 W5 W
7 W
10
20
Initial Power (W)
Rated Load (%)
30
40
70
50
60
0
20
40
20
60
80
100
100
200
300
7 W
5 W
3 W
2 W
1 W
0
1
2
3
4
5
6
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
68
100
120
20
Value (Ohms)
0
20
40
60
80
100
120
140
160
180
200
220
240
1 W
1 W
2 W
3 W
5 W
7 W
2 W3 W5 W
7 W
10
20
Initial Power (W)
Rated Load (%)
30
40
70
50
60
0
20
40
20
60
80
100
100
200
300
7 W
5 W
3 W
2 W
1 W
0
1
2
3
4
5
6
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
68
100
120
20
Value (Ohms)
0
20
40
60
80
100
120
140
160
180
200
220
240
1 W
1 W
2 W
3 W
5 W
7 W
2 W3 W5 W
7 W
10
20
Initial Power (W)
Rated Load (%)
30
40
70
50
60
0
20
40
20
60
80
100
100
200
300
7 W
5 W
3 W
2 W
1 W
0
1
2
3
4
5
6
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
68
100
120
20
Value (Ohms)
0
-55
050
100
150
200
250
+70°C
+155°C
+275°C
300
20
40
AmbientTemperature(°C)
60
80
100


Numéro de pièce similaire - FWXXA

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FWX-1000AH COOPER-FWX-1000AH Datasheet
750Kb / 20P
   High Speed Fuses
FWX-1000AH COOPER-FWX-1000AH Datasheet
35Kb / 2P
   1000-2500A, 250 Volts
FWX-100A COOPER-FWX-100A Datasheet
750Kb / 20P
   High Speed Fuses
FWX-100A COOPER-FWX-100A Datasheet
47Kb / 2P
   35-800A, 250 Volts
FWX-10A14F COOPER-FWX-10A14F Datasheet
1Mb / 21P
   Ferrule fuses
More results

Description similaire - FWXXA

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
   Fusible Power Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com