Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-MBL104S Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce CD-MBL104S
Description  Surface Mount Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-MBL104S Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  CD-MBL104S Datasheet HTML 1Page - Bourns Electronic Solutions CD-MBL104S Datasheet HTML 2Page - Bourns Electronic Solutions CD-MBL104S Datasheet HTML 3Page - Bourns Electronic Solutions CD-MBL104S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CD-MBL1xxSSurfaceMountBridgeRectifierDiode
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120°
D2
D
D
1
W1
C
IndexHole
P0
P1
W
B
10pitches(min.)
DirectionofFeed
10pitches(min.)
End
Trailer
Device
Leader
Start
d
The surface mount product is packaged in a 12 mm x 8 mm tape and reel format per EIA-481 standard.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
CD-MBL1xxS
Carrier Width
A
5.90 ± 0.10
(0.232 ± 0.004)
Carrier Length
B
6.50 ± 0.10
(0.256 ± 0.004)
Carrier Depth
C
1.50 ± 0.10
(0.059 ± 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969) MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
5.50 ± 0.05
(0.217 ± 0.002)
Punch Hole Pitch
P
8.00 ± 0.10
(0.315 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.20 ± 0.10
(0.008 ± 0.004)
Tape Width
W
12.00 ± 0.20
(0.472 ± 0.008)
Reel Width
W1
18.7
(0.736) MAX.
Quantity per Reel
--
5,000
REV. 02/17
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn