Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-MBL104S Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce CD-MBL104S
Description  Surface Mount Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-MBL104S Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  CD-MBL104S Datasheet HTML 1Page - Bourns Electronic Solutions CD-MBL104S Datasheet HTML 2Page - Bourns Electronic Solutions CD-MBL104S Datasheet HTML 3Page - Bourns Electronic Solutions CD-MBL104S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
RoHScompliant*
n
Lowpowerlossandhighefficiency
n
Highcurrentcapability
n
Lowprofilepackage
Applications
n
ACoperatedproducts
n
Computermonitors
n
Set-topboxes
n
Cablemodems
CD-MBL1xxSSurfaceMountBridgeRectifierDiode
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-
Unit
MBL102S
MBL104S
MBL106S
MBL108S
MBL110S
Maximum Repetitive
Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum Average Forward Rectified
Current (TA = 55 °C)
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms
Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
30
A
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers Bridge Rectifier Diodes for rectification applications in compact chip package
0.23 ˝ x 0.20 ˝ size format, which offers PCB real estate savings and are considerably smaller
than standard parts. The Bridge Rectifier Diodes offer a forward current of 1 A with a choice
of repetitive peak reverse voltages between 200 V and 1000 V.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-MBL1xxS
Unit
Test Conditions
Min.
Typ.
Max.
Instantaneous Forward Voltage
VF
IF = 1 A
0.95
1.0
V
Repetitive Peak Reverse Current
IRRM
VR = VRRM
TA = +25 °C
5.0
µA
TA = +150 °C
200
µA
Junction Capacitance
CJ
VR = 4 V, f = 1.0 MHz
25
pF
Thermal Resistance, Junction to Air (1)
RΘJA
95
°C / W
Thermal Resistance, Junction to Lead (1)
RΘJL
20
°C / W
NOTE 1: Measured when mounted on PCB with 5.0 mm x 5.0 mm (0.2 “ x 0.2 “) copper pad areas.
4
1
+
3
~
2
~


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn