Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS48560-CQZ Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CS48560-CQZ
Description  Cost-effective, High-performance 32-bit DSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48560-CQZ Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CS48560-CQZ Datasheet HTML 5Page - Cirrus Logic CS48560-CQZ Datasheet HTML 6Page - Cirrus Logic CS48560-CQZ Datasheet HTML 7Page - Cirrus Logic CS48560-CQZ Datasheet HTML 8Page - Cirrus Logic CS48560-CQZ Datasheet HTML 9Page - Cirrus Logic CS48560-CQZ Datasheet HTML 10Page - Cirrus Logic CS48560-CQZ Datasheet HTML 11Page - Cirrus Logic CS48560-CQZ Datasheet HTML 12Page - Cirrus Logic CS48560-CQZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
DS734F5
4.4 Application Code Security
4.3.3
Pads
The CS485xx I/Os operate from the 3.3 V supply and are 5 V tolerant.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property it may contain. A
secret, customer-specific key is used to encrypt the program code that is to be stored external to the device. Contact your
local Cirrus representative for details.
5 Characteristics and Specifications
Note:
All data sheet minimum and maximum timing parameters are guaranteed over the rated voltage and temperature.
All data sheet typical parameters are measured under the following conditions: T = 25° C, CL = 20 pF,
VDD = VDDA = 1.8 V, VDDIO = 3.3 V, GNDD = GNDIO = GNDA = 0 V.
5.1 Absolute Maximum Ratings
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
5.2 Recommended Operations Conditions
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
Note:
It is recommended that the 3.3 V IO supply come up ahead of or simultaneously with the 1.8 V core supply.
5.3 Digital DC Characteristics
(Measurements performed under static conditions.)
Parameter
Symbol
Min
Max
Unit
DC power supplies:
Core supply
VDD
–0.3
2.0
V
PLL supply
VDDA
–0.3
3.6
V
I/O supply
VDDIO
–0.3
3.6
V
|VDDA–VDDIO|
0.3
V
Input pin current, any pin except supplies
Iin
—±10
mA
Input voltage on PLL_REF_RES
Vfilt
–0.3
3.6
V
Input voltage on I/O pins
Vinio
–0.3
5.0
V
Storage temperature
Tstg
–65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC power supplies:
Core supply
VDD
1.71
1.8
1.89
V
PLL supply
VDDA
3.13
3.3
3.46
V
I/O supply
VDDIO
3.13
3.3
3.46
V
|VDDA–VDDIO|
0
V
Ambient operating temperature
TA
——
°C
–CQZ
0
+70
–DQZ
–40
+85


Numéro de pièce similaire - CS48560-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS48560-CQZ CIRRUS-CS48560-CQZ Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
More results

Description similaire - CS48560-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
   Cost-effective, High-performance 32-bit DSP
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
Samsung semiconductor
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
logo
Tyco Electronics
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com