Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE8000EM8X Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce ACE8000EM8X
Description  ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE8000EM8X Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  ACE8000EM8X Datasheet HTML 1Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 2Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 3Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 4Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 5Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 6Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
www.fairchildsemi.com
ACE8001 Product Family Rev. B.2
ACE8001 AC Electrical Characteristics
VCC = 2.2 to 5.5V
All measurements valid for ambient operating temperature unless otherwise stated.
5 The maximum permissible frequency is guaranteed by design but not 100% tested.
6 The parameter is guaranteed by design but not 100% tested.
ACE8001 Electrical Characteristics for programming
All data following is valid between 4.5V and 5.5V at ambient temperature. The following characteristics are
guaranteed by design but are not 100% tested. See “EEPROM write time” in the AC Electrical Characteris-
tics for definition of the programming ready time.
ACE8001 Brown-out Reset (BOR) Characteristics
VCC = 2.2 to 5.5V
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from
internal clock - setpoint
5.0V at +25°C
0.96
1.0
1.04
µs
Internal clock frequency
variation
2.4V to 5.5V at
constant temperature
10
%
2.4V to 5.5V at
full temperature range
-12
+8
%
Crystal oscillator frequency
(Note 5)
4
MHz
External clock frequency
(Note 5)
4
MHz
EEPROM write time
2.5
3
ms
Internal clock start up time
(Note 6)
20
µs
Oscillator start up time
(Note 6)
5
cycles
Parameter
Description
MIN
MAX
Units
tHI
CLOCK high time
500
DC
ns
tLO
CLOCK low time
500
DC
ns
tDIS
SHIFT_IN setup time
100
ns
tDIH
SHIFT_IN hold time
100
ns
tDOS
SHIFT_OUT setup time
100
ns
tDOH
SHIFT_OUT hold time
900
ns
tSV1, tSV2
LOAD supervoltage timing
50
µs
tLOAD1, tLOAD2, tLOAD3, tLOAD4
LOAD timing
5
µs
VSUPERVOLTAGE
Supervoltage level
11.5
12.5
V
Parameter
Conditions
MIN
TYP
MAX
Units
BOR Voltage Threshold
Variation (BLSEL = 1)
-40°C to +85°C
2.25
V


Numéro de pièce similaire - ACE8000EM8X

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809 ACE-ACE809 Datasheet
308Kb / 5P
   3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
More results

Description similaire - ACE8000EM8X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com