Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GS1117CT-2.85 Datasheet(Fiches technique) 5 Page - Vishay Siliconix

Numéro de pièce GS1117CT-2.85
Description  800mA Low Dropout Positive Adjustable Regulator
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CT-2.85 Datasheet(HTML) 5 Page - Vishay Siliconix

  GS1117CT-2.85 Datenblatt HTML 1Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 2Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 3Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 4Page - Vishay Siliconix GS1117CT-2.85 Datasheet HTML 5Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
Document Number 74802
www.vishay.com
20-Feb-02
5
--0.1
0.4A
0.1A
--0.05
0
0.05
0.1
40
80
120
160
200
Fig. 7 – Load Transient Response
Time (
µs)
0
VIN = 5V
CIN = 1µF
COUT = 10µF (Tantalum)
VOUT = 3.3V
--100
7.0
6.0
--50
0
50
10
20
30
40
50
Fig. 8 – Line Transient Response
Time (
µs)
0
COUT = 10µF (Tantalum)
VOUT = 3.3V
GS1117 Cxx-xxx
Output Voltage
Default: Adj.
2.5: 2.5V
2.85: 2.85V
3.3: 3.3V
5: 5.0V
Package Type
ST: SOT-223
T: TO-220
M: TO-263
E: TO-252
Ordering Information
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn