Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GS1117CT-2.85 Datasheet(Fiches technique) 3 Page - Vishay Siliconix

Numéro de pièce GS1117CT-2.85
Description  800mA Low Dropout Positive Adjustable Regulator
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CT-2.85 Datasheet(HTML) 3 Page - Vishay Siliconix

  GS1117CT-2.85 Datenblatt HTML 1Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 2Page - Vishay Siliconix GS1117CT-2.85 Datasheet HTML 3Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 4Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 5Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
Document Number 74802
www.vishay.com
20-Feb-02
3
Electrical Characteristics(1) TJ = 25°C(2), VIN = 5V, Io = 10mA unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Current
Io
0°C
≤ TJ ≤ 125°C
0.85
A
2.65
≤ Vin ≤ 7V
Adjust Pin Current
Iadj
10mA
≤ Io ≤ 800mA
55
120
µA
0°C
≤ TJ ≤ 125°C
2.65
≤ Vin ≤ 7V
Adjust Pin Current Change
∆Iadj
10mA
≤ Io ≤ 800mA
0.2
5
µA
0°C
≤ TJ ≤ 125°C
Temperature Stability
TS
Io = 0.5A
0.8
%VO
0°C
≤ TJ ≤ 125°C
Minimum Load Current
ILMIN
0°C
≤ TJ ≤ 125°C
3
10
mA
Adjustable Version
Quiescent Current
IQ
0°C
≤ TJ ≤ 125°C10
14
mA
Fixed Voltage Version
RMS Output Noise
N
10HZ
≤ f ≤ 10 kHZ
0.003
%VO
Ripple Rejection Ratio
RR
f = 120 HZ, CO = 25
µF
60
68
dB
Cadj = 25
µF
Thermal Regulation
RTH
TA = 25°C, 30ms Pulse
0.02
0.05
%/W
Long Term Stability
TA = 125°C, 1000 Hrs
0.3
%VO
Notes:
VREF = VOUT – VADJ = 1.25V (typ.)
VOUT = VREF x (1+R2/R1) + IADJ x R2
IADJ = 55
µA (typ.)
(1) C1 needed if device is far away from filter capacitors
(2) C2 required for stability
Typical Application Circuit
VIN
5V
VOUT
3.3V
C1
10
µF
C2
10
µF
ADJ
VREF
1
32
R1
125
1%
R2
205
1%
GS1117
Adjustable Voltage Regulator
+
+
VIN
5V
VOUT
C1
10
µF
C2
10
µF
1
32
GS1117-2.5
GS1117-2.85
GS1117-3.3
GS1117-5
Fixed Voltage Regulator
+
+
Notes:
(1) All parameters, except nominal output voltage are specified for the variable voltage version, allowing a wider Vin Range.
The specified limits also apply for the fixed voltage versions.
(2) To maintain the specified junction temperatures, low duty cycle pulse testing is required for most parameters.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn