Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GS1117CT-2.85 Datasheet(Fiches technique) 6 Page - Vishay Siliconix

Numéro de pièce GS1117CT-2.85
Description  800mA Low Dropout Positive Adjustable Regulator
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CT-2.85 Datasheet(HTML) 6 Page - Vishay Siliconix

  GS1117CT-2.85 Datenblatt HTML 1Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 2Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 3Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 4Page - Vishay Siliconix GS1117CT-2.85 Datenblatt HTML 5Page - Vishay Siliconix GS1117CT-2.85 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 74802
6
20-Feb-02
Case Outlines
3.15
2.90
6.80
6.30
Top View
7.30
6.70
3.70
3.30
0.80
0.60
12
3
1.80
Max.
13
° ±3°
0.12
0.02
2.30
Typ.
0.35
0.24
0.91
Min.
SOT-223
Dimensions in millimeters
9.65
10.29
8.63
9.66
14.60
15.88
1
23
4.06
4.83
1.14
1.40
0.7 (max.)
2.28
2.80
0.50
1.00
1.14
1.40
2.54 (TYP.)
1.40 (max.)
TO-263
TO-252 (DPAK)
5.59
5.33
10.42
9.40
5.46
5.21
6.73
6.35
0.58
0.46
2.38
2.19
2.28 (TYP.)
0.88
0.64
1
3
2
1.27
1.02
0.51 (min.)
TO-220
10.66
9.66
6.35 Max.
3.42
2.54
4.08
3.54
6.85
5.85
16.51
14.23
14.73
12.70
1.77
1.15
1.01
0.38
2.79
2.29
(with plating)
4.82
3.56
1.39
0.51
1.14
0.31
2.92
2.04
(with plating)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn