Moteur de recherche de fiches techniques de composants électroniques |
|
XZCBDMDK53W-9 Fiches technique(PDF) 1 Page - SunLED Corporation |
|
XZCBDMDK53W-9 Fiches technique(HTML) 1 Page - SunLED Corporation |
1 / 4 page Part Number: XZCBDMDK53W-9 1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT LED Sep 13,2016 XDSB5072 V4-X Layout: Maggie L. P. 1/4 Features ● 1.6mm X 0.8mm SMD LED ● Package height: 0.5mm ● IR-reflow compatible ● Standard Package: 2,000pcs/ Reel ● MSL (Moisture Sensitivity Level): 3 ● RoHS compliant ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Absolute Maximum Ratings (TA=25°C) Blue (InGaN) Red (AlGaInP) Unit Reverse Voltage VR 5 5 V Forward Current IF 30 30 mA Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width iFS 150 185 mA Power Dissipation PD 120 75 mW 250 3000 V Operating Temperature TA -40 ~ +85 °C Storage Temperature Tstg -40 ~ +85 Electrostatic Discharge Thresh- old (HBM) Package Schematics Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ±0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice. Blue (InGaN) Red (AlGaInP) Unit Forward Voltage (Typ.) (IF=20mA) VF 3.3 1.95 V Forward Voltage (Max.) (IF=20mA) VF 4 2.5 V Reverse Current (Max.) (VR=5V) IR 50 10 uA Wavelength of Peak Emission CIE127-2007* (Typ.) (IF=20mA) λP 460* 645* nm Wavelength of Dominant Emission CIE127-2007* (Typ.) (IF=20mA) λD 465* 630* nm Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) △ λ 25 28 nm Capacitance (Typ.) (VF=0V, f=1MHz) C 100 35 pF Operating Characteristics (TA=25°C) Part Number Emitting Color Emitting Material Lens-color Wavelength CIE127-2007* nm λP Viewing Angle 2θ 1/2 min. typ. XZCBDMDK53W-9 Blue InGaN Water Clear 40 40* 69 69* 460* 130° Red AlGaInP 120 40* 248 89* 645* Luminous Intensity CIE127-2007* (IF=20mA) mcd *Luminous intensity value and wavelength are in accordance with CIE127-2007 standards. Red Red Blue Blue A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033) |
Numéro de pièce similaire - XZCBDMDK53W-9 |
|
Description similaire - XZCBDMDK53W-9 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |