Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GS1117CM Datasheet(Fiches technique) 4 Page - Vishay Siliconix

Numéro de pièce GS1117CM
Description  800mA Low Dropout Positive Adjustable Regulator
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CM Datasheet(HTML) 4 Page - Vishay Siliconix

  GS1117CM Datenblatt HTML 1Page - Vishay Siliconix GS1117CM Datenblatt HTML 2Page - Vishay Siliconix GS1117CM Datenblatt HTML 3Page - Vishay Siliconix GS1117CM Datasheet HTML 4Page - Vishay Siliconix GS1117CM Datenblatt HTML 5Page - Vishay Siliconix GS1117CM Datenblatt HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 74802
4
20-Feb-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1.15
1.20
1.25
1.30
1.10
1.05
20
40
60
80
100
120
140
Fig. 2 – Dropout Voltage v.s.
Temperature
Ambient Temperature (
°C)
0
20
40
60
80
100
--50
--25
0
25
50
75
100
125
Fig. 4 – Adjust Pin Current
Temperature (
°C)
0
--1.2
--1.6
--0.8
--0.4
0.0
0.4
0.8
1.2
1.6
--20
0
20
40
60
80
100
120
140
Fig. 5 – Temperature Stability
Temperature (
°C)
IOUT = 800mA
200
400
800
1000
600
Fig. 1 – Dropout Voltage
Output Current (mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
12
4
5
6
3
Fig. 3 – Minimum Load Current
(Adjustable Version)
Input / Output Differential Voltage (V)
1
2
3
4
5
0
100
1K
100K
10K
1M
Fig. 6 – Ripple Rejection
(with Cadj 25
µF)
Frequency (Hz)
20
30
40
50
60
70
80
10
IOUT = 0.5A
TJ = 0°C
TJ = 25°C
COUT = 25
µF
COUT = 25
µF
COUT = 10
µF
COUT = 10µF
TJ = 125°C
TJ = 0°C
TJ = 50°C
TJ = 125°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn