Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0203_XC62G Fiches technique(PDF) 4 Page - Torex Semiconductor

No de pièce 0203_XC62G
Description  Positive Voltage Regulators (Output On/Off)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

0203_XC62G Fiches technique(HTML) 4 Page - Torex Semiconductor

  0203_XC62G Datasheet HTML 1Page - Torex Semiconductor 0203_XC62G Datasheet HTML 2Page - Torex Semiconductor 0203_XC62G Datasheet HTML 3Page - Torex Semiconductor 0203_XC62G Datasheet HTML 4Page - Torex Semiconductor 0203_XC62G Datasheet HTML 5Page - Torex Semiconductor 0203_XC62G Datasheet HTML 6Page - Torex Semiconductor 0203_XC62G Datasheet HTML 7Page - Torex Semiconductor 0203_XC62G Datasheet HTML 8Page - Torex Semiconductor 0203_XC62G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
XC62G Series
318
3
■Marking
■Absolute Maximum Ratings
■Block Diagram
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)
1 2 3 4
q Represents the integer of the Output Voltage
R TYPE POSITIVE
VOLTAGE LOGIC
SYMBOL
A
VOLTAGE(V)
P TYPE NEGATIVE
VOLTAGE LOGIC
SYMBOL
VOLTAGE(V)
0.w
A
0.w
H
6.w
H
6.w
F
5.w
F
5.w
E
4.w
E
4.w
D
3.w
D
3.w
C
2.w
C
2.w
B
1.w
B
1.w
w Represents the decimal number of the Output Voltage
SYMBOL
A
B
C
D
E
F
H
K
L
M
q.0
q.1
q.2
q.3
q.4
q.5
q.6
q.7
q.8
q.9
VOLTAGE(V)
SYMBOL
VOLTAGE(V)
e Represents the transition response
r Represents the assembly lot no.
0-9,A-Z repeated (G, I, J, O, Q, W excepted)
SYMBOL
TRANSITION RESPONSE
-
REGULAR
+
HIGH SPEED
VOUT
VIN
CE
VSS
+
-
Current
Limit
Voltage
Reference
Output
Control
PARAMETER
Input Voltage
Output Current
Output Voltage
CE Input Voltage
SOT-25
Continuous Total
Power Dissipation
SOT-89-5
Operating Ambient Temperature
Storage Temperature
SYMBOL
VIN
IOUT
VOUT
VCE
Pd
Pd
Topr
Tstg
RATINGS
12
500
VSS-0.3~VIN+0.3
VSS-0.3~VIN+0.3
150
500
-30~+80
-40~+125
UNITS
V
mA
V
V
mW
°C
°C
Ta=25
°C
IOUT must be less than Pd/(VIN-VOUT)
Note:
03S_07XC62G 02.9.12 3:04 PM ページ 318


Numéro de pièce similaire - 0203_XC62G

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
0203-001123 TOSHIBA-0203-001123 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Littelfuse
0203.250H LITTELFUSE-0203.250H Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
0203.250HXG LITTELFUSE-0203.250HXG Datasheet
163Kb / 3P
   203 Series Fuse
0203.250URG LITTELFUSE-0203.250URG Datasheet
163Kb / 3P
   203 Series Fuse
0203.500H LITTELFUSE-0203.500H Datasheet
163Kb / 3P
   203 Series Fuse
More results

Description similaire - 0203_XC62G

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62H TOREX-XC62H_1 Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62H TOREX-XC62H Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com