Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9-1377174-5 Fiches technique(PDF) 22 Page - TE Connectivity Ltd

No de pièce 9-1377174-5
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1377174-5 Fiches technique(HTML) 22 Page - TE Connectivity Ltd

Back Button 9-1377174-5 Datasheet HTML 16Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 17Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 18Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 19Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 20Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 21Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 22Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 23Page - TE Connectivity Ltd 9-1377174-5 Datasheet HTML 24Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Cross Reference for Small Packaging (continued)
PIDG-FASTON
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-22
165566-2
.110 PIDG FASTON REC.
8-1377174-4
50
1,000
9-160477-5
.187 PIDG FASTON REC.
0-1377175-1
1000
2,000
9-160481-5
.187 PIDG FASTON REC.
8-1377174-6
1000
2,000
9-160479-5
.187 PIDG FASTON REC.
0-1377175-3
1000
2,000
9-160483-5
.187 PIDG FASTON REC.
8-1377174-8
1000
2,000
140950-1
.197 PIDG FASTON REC.
0-1377175-5
1000
2,000
140948-1
.197 PIDG FASTON REC.
9-1377174-0
1000
2,000
9-160313-5
.250 PIDG FASTON REC.
0-1377175-7
1000
2,000
160314-5
.250 PIDG FASTON REC.
1-1377175-0
50
1,000
9-160583-5
.250 PIDG FASTON REC.
9-1377174-2
1000
2,000
165614-2
.110 PIDG FASTON REC.
9-1377174-3
1000
2,000
165563-1
.110 PIDG FASTON REC.
7-1377174-9
50
1,000
165615-2
.110 PIDG FASTON REC.
9-1377174-4
1000
2,000
165564-1
.110 PIDG FASTON REC.
8-1377174-0
50
1,000
165616-2
.110 PIDG FASTON REC.
9-1377174-5
50
1,000
165565-1
2.8 PIDG FASTON REC.
8-1377174-1
50
1,000
165617-2
.110 PIDG FASTON REC.
9-1377174-7
1000
2,000
165619-2
.110 PIDG FASTON REC.
7-1377174-7
50
1,000
165566-1
.110 PIDG FASTON REC.
8-1377174-3
50
1,000
9-160477-2
.187 PIDG FASTON REC.
9-1377174-9
1000
2,000
9-160481-1
4.8 PIDG FASTON REC.
8-1377174-5
50
1,000
9-160479-2
.187 PIDG FASTON REC.
0-1377175-2
1000
2,000
9-160483-1
4.8 PIDG FASTON REC.
8-1377174-7
50
1,000
140802-2
.197 PIDG FASTON REC.
0-1377175-4
1000
2,000
140805-2
.197 PIDG FASTON REC.
8-1377174-9
1000
2,000
9-160313-2
.250 PIDG FASTON REC.
0-1377175-6
1000
2,000
160314-2
.250 FASTON
0-1377175-9
50
1,000
9-160583-2
.250 PIDG FASTON REC.
9-1377174-1
1000
2,000
9-160326-2
.312 PIDG FASTON REC.
0-1377175-8
1000
2,000
160524-2
.375 PIDG FASTON REC.
1-1377175-1
50
1,000
9-160463-5
6.3 P.B.FASTON REC.
2-1377175-2
50
1,000
160834-5
PIDG PIGGY-BACK FASTON
2-1377175-0
1000
2,000
9-160463-2
PIDG PIGGY-BACK FASTON
2-1377175-1
50
1,000
160834-2
PIDG PIGGY-BACK FASTON
1-1377175-9
50
1,000
735278-1
.250 PIDG F.I.F. REC.
1-1377175-3
1000
2,000
735279-0
.250 PIDG F.I.F. REC.
1-1377175-4
50
1,000
735278-0
.250 PIDG F.I.F. REC.
1-1377175-2
1000
2,000
735160-0
.250 PIDG FASTON REC.
1-1377175-5
1000
2,000
735159-0
6.3 F.I.F. REC.
1-1377175-6
50
1,000
140971-2
PIDG TAB
2-1377175-4
50
1,000
141085-2
.250 PIDG FASTON TAB
2-1377175-5
50
1,000
140896-2
.250 PIDG FASTON TAB
2-1377175-3
50
1,000
156667-1
PIDG FL. FASTON REC.
1-1377175-7
50
1,000
156666-1
PIDG FL. FASTON REC.
1-1377175-8
50
1,000
165536-2
PIDG POSITIVE LOCK ASSY.
2-1377175-7
50
1,000
165536-1
PIDG POSITIVE LOCK ASSY.
2-1377175-6
50
1,000
Standard
Package
Description
Small Pack
Order
Number
Primary
Package
Quantity
Minimum
Order
Quantity


Numéro de pièce similaire - 9-1377174-5

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
9-1372295-9 TEC-9-1372295-9 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-1372348-0 TEC-9-1372348-0 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-1372348-1 TEC-9-1372348-1 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Description similaire - 9-1377174-5

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com