Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT86A36 Fiches technique(PDF) 40 Page - Holtek Semiconductor Inc

No de pièce HT86A36
Description  A/D Type Voice 8-Bit MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Fiches technique(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT86A36_12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 40Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 41Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 42Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 43Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
40
December 12, 2012
Watchdog Timer
The Watchdog Timer is provided to prevent program
malfunctions or sequences from jumping to unknown lo-
cations, due to certain uncontrollable external events
such as electrical noise. It operates by providing a de-
vice reset when the WDT counter overflows. The WDT
clock is supplied by one of two sources selected by con-
figuration option: its own self-contained dedicated inter-
nal WDT oscillator, or the instruction clock which is the
system clock divided by 4. Note that if the WDT configu-
ration option has been disabled, then any instruction re-
lating to its operation will result in no operation.
The internal WDT oscillator has an approximate period
of 65
ms at a supply voltage of 5V. If selected, it is first di-
vided by 256 via an 8-stage counter to give a nominal
period of 17ms. Note that this period can vary with VDD,
temperature and process variations. For longer WDT
time-out periods the WDT prescaler can be utilized. By
writing the required value to bits 0, 1 and 2 of the WDTS
register, known as WS0, WS1 and WS2, longer time-out
periods can be achieved. With WS0, WS1 and WS2 all
equal to 1, the division ratio is 1:128 which gives a maxi-
mum time-out period of about 2.1s.
A configuration option can select the instruction clock,
which is the system clock divided by 4, as the WDT clock
source instead of the internal WDT oscillator. If the in-
struction clock is used as the clock source, it must be
noted that when the system enters the Power Down
Mode, as the system clock is stopped, then the WDT
clock source will also be stopped. Therefore the WDT
will lose its protecting purposes. In such cases the sys-
tem cannot be restarted by the WDT and can only be re-
started using external signals. For systems that operate
in noisy environments, using the internal WDT oscillator
is therefore the recommended choice.
Under normal program operation, a WDT time-out will
initialise a device reset and set the status bit TO. How-
ever, if the system is in the Power Down Mode, when a
WDT time-out occurs, only the Program Counter and
Stack Pointer will be reset. Three methods can be
adopted to clear the contents of the WDT and the WDT
prescaler. The first is an external hardware reset, which
means a low level on the RES pin, the second is using
the watchdog software instructions and the third is via a
²HALT² instruction.
There are two methods of using software instructions to
clear the Watchdog Timer, one of which must be chosen
by configuration option. The first option is to use the sin-
gle
²CLR WDT² instruction while the second is to use
the two commands
²CLR WDT1² and ²CLR WDT2². For
the first option, a simple execution of
²CLR WDT² will
clear the WDT while for the second option, both
²CLR
WDT1
² and ²CLR WDT2² must both be executed to
successfully clear the WDT. Note that for this second
option, if
²CLR WDT1² is used to clear the WDT, succes-
sive executions of this instruction will have no effect,
only the execution of a
²CLR WDT2² instruction will
clear the WDT. Similarly, after the
²CLR WDT2² instruc-
tion has been executed, only a successive
²CLR WDT1²
instruction can clear the Watchdog Timer.
W S 2
W D T S R e g i s t e r
b 7
b 0
W D T p r e s c a l e r r a t e s e l e c t
W S 2
0
0
0
0
1
1
1
1
W S 1
0
0
1
1
0
0
1
1
W S 0
0
1
0
1
0
1
0
1
W D T R a t e
1 : 1
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
N o t u s e d
W S 1 W S 0
Watchdog Timer Register


Numéro de pièce similaire - HT86A36_12

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
More results

Description similaire - HT86A36_12

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
HT86AXX HOLTEK-HT86AXX Datasheet
428Kb / 68P
   A/D Type Voice 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com