Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT86A36 Fiches technique(PDF) 21 Page - Holtek Semiconductor Inc

No de pièce HT86A36
Description  A/D Type Voice 8-Bit MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Fiches technique(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT86A36_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
21
December 12, 2012
Special Purpose Data Memory
This area of Data Memory, is located in Bank 0, where
registers, necessary for the correct operation of the
microcontroller, are stored. Most of the registers are
both readable and writeable but some are protected and
are readable only, the details of which are located under
the relevant Special Function Register section. Note
that for locations that are unused, any read instruction to
these addresses will return the value
²00H². Although
the Special Purpose Data Memory registers are located
in Bank 0, they will still be accessible even if the Bank
Pointer has selected Bank 1.
Special Function Registers
To ensure successful operation of the microcontroller,
certain internal registers are implemented in the RAM
Data Memory area. These registers ensure correct op-
eration of internal functions such as timers, interrupts,
watchdog, etc., as well as external functions such as I/O
data control. The location of these registers within the
RAM Data Memory begins at the address
²00H². Any
unused Data Memory locations between these special
function registers and the point where the General Pur-
pose Memory begins is reserved for future expansion
purposes, attempting to read data from these locations
will return a value of
²00H².
Indirect Addressing Register
- IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, al-
though having their locations in normal RAM register
space, do not actually physically exist as normal regis-
ters. The method of indirect addressing for RAM data
manipulation uses these Indirect Addressing Registers
and Memory Pointers, in contrast to direct memory ad-
dressing, where the actual memory address is speci-
fied. Actions on the IAR0 and IAR1 registers will result in
no actual read or write operation to these registers but
rather to the memory location specified by their corre-
sponding Memory Pointer, MP0 or MP1. Acting as a
pair, IAR0 and MP0 can together only access data from
Bank 0, while the IAR1 and MP1 register pair can ac-
cess data from both Bank 0 and Bank 1. As the Indirect
Addressing Registers are not physically implemented,
reading the Indirect Addressing Registers indirectly will
return a result of
²00H² and writing to the registers indi-
rectly will result in no operation.
Memory Pointer
- MP0, MP1
For all devices, two Memory Pointers, known as MP0
and MP1 are provided. These Memory Pointers are
physically implemented in the Data Memory and can be
manipulated in the same way as normal registers pro-
viding a convenient way with which to address and track
data. When any operation to the relevant Indirect Ad-
dressing Registers is carried out, the actual address that
the microcontroller is directed to, is the address speci-
fied by the related Memory Pointer. MP0, together with
Indirect Addressing Register, IAR0, are used to access
data from Bank 0 only, while MP1 and IAR1 are used to
access data from both Bank 0 and Bank 1.
: U n k n o w
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R 0
T M R 0 C
T M R 1
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
L A T C H 0 H
L A T C H 0 M
L A T C H 0 L
L A T C H 1 H
L A T C H 1 M
L A T C H 1 L
I N T C H
T B H P
T M R 2
T M R 2 C
T M R 3
T M R 3 C
V O I C E C
D A L
D A H
V O L
L A T C H D
P D
P D C
A D R L
A D R H
A D C R
A C S R
L V D C
P E
P E C
S B C R
S B D R
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
3 A H
3 B H
3 C H
3 D H
Special Purpose Data Memory Structure


Numéro de pièce similaire - HT86A36_12

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
More results

Description similaire - HT86A36_12

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
HT86AXX HOLTEK-HT86AXX Datasheet
428Kb / 68P
   A/D Type Voice 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com