Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT82A525R Fiches technique(PDF) 42 Page - Holtek Semiconductor Inc

No de pièce HT82A525R
Description  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R Fiches technique(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT82A525R_16 Datasheet HTML 38Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 39Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 40Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 41Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 42Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 43Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 44Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 45Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is
accessed. The endpoint request flags (EP0IF, EP1IF, EP2IF and EP3IF) are used to indicate which
endpoints are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1²,
and then the USB interrupt takes place or not will depend on the
²Endpoint 0~3 interrupt function² via
the configuration option. If the
²Endpoint 0~3 interrupt function² is configured as ²Disable², then the
USB interrupt will occur (if the USB interrupt is enabled, the corresponding interrupt is enabled and
the stack is not full). If the
²Endpoint 0~3 interrupt function² is configured as ²Enable², the USB
interrupt will need to be managed by the Endpoint Interrupt control bits, EEP0I~EEP3I, in the USR
register as well. The Endpoint Interrupt control bits are used to control which endpoint is accessed and
generate interrupt. Only when the related Endpoint Interrupt control bits are selected as
²Enable², then
the related USB interrupt will take place, otherwise, the USB interrupt will not occur. When the active
endpoint request flag is served, the endpoint request flag has to be cleared to
²0².
Bit No.
Label
R/W
Function
0
EP0IF
R/W
The endpoint 0 interrupt request flag
0: inactive
1: active
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 0 is accessed and a
USB interrupt will occur. When the interrupt has been served, this bit should be cleared
by firmware.
1
EP1IF
R/W
The endpoint 1 interrupt request flag
0: inactive
1: active
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 1 is accessed and a
USB interrupt will occur. When the interrupt has been served, this bit should be cleared
by firmware.
2
EP2IF
R/W
The endpoint 2 interrupt request flag
0: inactive
1: active
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 2 is accessed and a
USB interrupt will occur. When the interrupt has been served, this bit should be cleared
by firmware.
3
EP3IF
R/W
The endpoint 3 interrupt request flag
0: inactive
1: active
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 3 is accessed and a
USB interrupt will occur. When the interrupt has been served, this bit should be cleared
by firmware.
4
EEP0I
R/W
The endpoint 0 interrupt enable
0: enable
1: disable
5
EEP1I
R/W
The endpoint 1 interrupt enable
0: enable
1: disable
6
EEP2I
R/W
The endpoint 2 interrupt enable
0: enable
1: disable
7
EEP3I
R/W
The endpoint 3 interrupt enable
0: enable
1: disable
USR (21H) Definitions
HT82A525R
I/O Type USB 8-Bit OTP MCU with SPI
Rev. 1.80
42
March 11, 2016


Numéro de pièce similaire - HT82A525R_16

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

Description similaire - HT82A525R_16

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com