Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT56R66 Fiches technique(PDF) 92 Page - Holtek Semiconductor Inc

No de pièce HT56R66
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R66 Fiches technique(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT56R66_14 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 91Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 93Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 94Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 95Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 123 page
background image
HT56R66/HT56R666
Rev.1.50
92
2014-04-04
寄存器
复位
(上电复位)
RES
(正常运行)
WDT 溢出
(正常运行)
WDT 溢出
(暂停模式)
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
--0- -000
--0- -000
--0- -000
--u- -uuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
RTCC
--00 0111
--00 0111
--00 0111
--uu uuuu
STATUS
--00 xxxx
--uu uuuu
--lu uuuu
--11 uuuu
INTC0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
TMR1H
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1L
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
0000 1---
0000 1---
0000 1---
uuuu u---
TMR2
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR2C
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
TMR3
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR3C
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PWM0L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
PWM1L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC1
-000 --00
-000 --00
-000 --00
-uuu --uu
PWM2L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM2H
0000 0000
0000 0000
0000 0000
uuuu uuuu
PWM3L
0000 ---0
0000 ---0
0000 ---0
uuuu ---u
PWM3H
0000 0000
0000 0000
0000 0000
uuuu uuuu
ADRL
xxxx ----
xxxx ----
xxxx ----
uuuu ----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
10-- -000
10-- -000
10-- -000
uu-- -uuu


Numéro de pièce similaire - HT56R66_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

Description similaire - HT56R66_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com