Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT48R002 Fiches technique(PDF) 63 Page - Holtek Semiconductor Inc

No de pièce HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Fiches technique(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 60Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 61Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 62Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 63Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 64Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 65Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 66Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
Rev. 1.11
62
April 11, 2017
Rev. 1.11
63
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
TABRD [m]
Readtable(specificpage)toTBLHandDataMemory
Description
Thelowbyteoftheprogramcode(specificpage)addressedbythetablepointerpair
(TBHPandTBLP)ismovedtothespecifiedDataMemoryandthehighbytemovedtoTBLH.
Operation
[m]←programcode(lowbyte)
TBLH←programcode(highbyte)
Affectedflag(s)
None
TABRDC [m]
Readtable(currentpage)toTBLHandDataMemory
Description
Thelowbyteoftheprogramcode(currentpage)addressedbythetablepointer(TBLP)is
movedtothespecifiedDataMemoryandthehighbytemovedtoTBLH.
Operation
[m]←programcode(lowbyte)
TBLH←programcode(highbyte)
Affectedflag(s)
None
TABRDL [m]
Readtable(lastpage)toTBLHandDataMemory
Description
Thelowbyteoftheprogramcode(lastpage)addressedbythetablepointer(TBLP)ismoved
tothespecifiedDataMemoryandthehighbytemovedtoTBLH.
Operation
[m]←programcode(lowbyte)
TBLH←programcode(highbyte)
Affectedflag(s)
None
XOR A,[m]
LogicalXORDataMemorytoACC
Description
DataintheAccumulatorandthespecifiedDataMemoryperformabitwiselogicalXOR
operation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″XOR″[m]
Affectedflag(s)
Z
XORM A,[m]
LogicalXORACCtoDataMemory
Description
DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalXOR
operation.TheresultisstoredintheDataMemory.
Operation
[m]←ACC″XOR″[m]
Affectedflag(s)
Z
XOR A,x
LogicalXORimmediatedatatoACC
Description
DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalXOR
operation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″XOR″x
Affectedflag(s)
Z


Numéro de pièce similaire - HT48R002

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Description similaire - HT48R002

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com